Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RMB4S Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

No. de pieza RMB4S
Descripción Electrónicos  GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Página de inicio  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

RMB4S Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  RMB4S Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd RMB4S Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RMB2S THRU RMB10S
Voltage Range - 200 to 1000 Volts
Current - 0.5/0.8 Ampere
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Mounting Position: Any
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
28
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
RMB2S
0.5
0.8
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
High temperature soldering guaranteed:
260 /10 seconds at 5 lbs., (2.3kg) tension
Small size, simple installation
Leads solderable per MIL-STD-202,
Method 208
High surge current capability
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load, for capacitive load derate current by 20%.
SYMBOLS
UNITS
VRRM
VRMS
VDC
IF(AV)
IFSM
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
On glass-epoxy P.C.B.(Note1)
On aluminum substrate(Note2)
Peak forward surge current,
8.3ms single half sine-wave superimposed on
rated load
Maximum instantaneous forward voltage drop
per leg at 0.4A
Maximum DC reverse current
TA=25
at rated DC blocking voltage
TA=125
Typical thermal resistance(NOTE 3)
R JA
IR
VF
uA
uA
1.3
30
5.0
500
RMB6S
RMB4S
RMB8S
RMB10S
-55 to +150
Operating temperature range
TJ
/W
Glass passivated chip junction
R JL
85
-55 to +150
NOTES:1.On glass epoxy P.C.B. mounted on 0.05x0.05''(1.3x1.3mm) pads.
2.On aluminum substrate P.C.B. with an area of 0.8''x0.8''(20x20mm) mounted on 0.05X0.05''(1.3X1.3mm) solder pad.
storage temperature range
TSTG
3.Thermal resistance form junction to ambient and junction to lead mounted on P.C.B. with 0.2X0.2''(5X5mm) copper pads.
Maximum reverse recovery time
(NOTE 4)
trr
150
ns
250
500
4.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A.
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
Dimensions in inches and (millimeters)
MBS
+
.193(4.90)
.177(4.50)
.157(4.00)
.142(3.60)
.276(7.0)
MAX
.102(2.60)
.087(2.20)
.033(0.84)
.022(0.56)
.118(3.0)
MAX
.106(2.70)
.090(2.30)
.008(0.20)
MAX
.053(1.53)
.037(0.95)
.083(2.12)
.043(1.10)
.043(1.10)
.028(0.70)
.014(0.35)
.006(0.15)
V
V
V
A
A
V
Green compound(halogen&Sb2O3 free)
MDD Catalog Number


Número de pieza similar - RMB4S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
General Semiconductor
RMB4S GE-RMB4S Datasheet
42Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT FAST RECOVERY BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
RMB4S TSC-RMB4S Datasheet
174Kb / 2P
0.8Amps Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifiers
logo
GOOD-ARK Electronics
RMB4S GOOD-ARK-RMB4S Datasheet
140Kb / 2P
Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifiers Reverse Voltage 200 to 400 Volts Forward Current 0.5 Ampere
logo
Vishay Siliconix
RMB4S VISHAY-RMB4S Datasheet
230Kb / 4P
Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifier
01-Feb-08
logo
Silicon Standard Corp.
RMB4S SSC-RMB4S Datasheet
190Kb / 3P
Surface Mount Bridge Rectifiers
More results

Descripción similar - RMB4S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
F2W005G EIC-F2W005G Datasheet
20Kb / 2P
FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
FB40 EIC-FB40 Datasheet
45Kb / 2P
FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
FW005G EIC-FW005G Datasheet
20Kb / 2P
FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Microdiode Semiconducto...
RABS2 CHENDA-RABS2 Datasheet
246Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS152 CHENDA-RABS152 Datasheet
292Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS2 CHENDA-RABS2_17 Datasheet
321Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS152 CHENDA-RABS152_17 Datasheet
367Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RMB2F CHENDA-RMB2F Datasheet
292Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS2 CHENDA-RABS2_V01 Datasheet
523Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RMB2F CHENDA-RMB2F_V01 Datasheet
558Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com