Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P18TG-243R3E41MLF Datasheet(PDF) 2 Page - PEAK electronics GmbH

No. de pieza P18TG-243R3E41MLF
Descripción Electrónicos  4:1 Ultra Wide Input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PEAK [PEAK electronics GmbH]
Página de inicio  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P18TG-243R3E41MLF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P18TG-243R3E41MLF Datasheet HTML 1Page - PEAK electronics GmbH P18TG-243R3E41MLF Datasheet HTML 2Page - PEAK electronics GmbH P18TG-243R3E41MLF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PMQ-Series – P18TG-xxxxE/Z4:1(H35)MLF – Single and Dual Output – DIP24 - Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/3
Selection Guide
Single/Dual Output
Order #
Inpu
t Vo
ltag
e (V
DC
)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Vol
tage
(VD
C)
Out
put
Cur
ren
t M
in. L
oad
(mA
)
Out
put
Cur
ren
t Fu
ll Lo
ad (
mA
)
Effi
cien
cy (
%)
Cap
acit
or L
oad
(uF
SINGLE OUTPUT
P18TG-243R3E4:1MLF
9-36
18
222
3.3
0
1200
75
1000
P18TG-2405E4:1MLF
9-36
18
210.9
5
0
800
79
680
P18TG-2409E4:1MLF
9-36
18
208.3
9
0
444
80
100
P18TG-2412E4:1MLF
9-36
18
205.8
12
0
333
81
100
P18TG-2415E4:1MLF
9-36
18
203.3
15
0
266
82
68
P18TG-2424E4:1MLF
9-36
18
208.3
24
0
166
80
47
P18TG-483R3E4:1MLF
18-72
15
110
3.3
0
1200
75
1000
P18TG-4805E4:1MLF
18-72
15
105.5
5
0
800
79
680
P18TG-4809E4:1MLF
18-72
15
104.2
9
0
444
80
100
P18TG-4812E4:1MLF
18-72
15
102.8
12
0
333
81
100
P18TG-4815E4:1MLF
18-72
15
101.6
15
0
266
82
68
P18TG-4824E4:1MLF
18-72
15
104.2
24
0
166
80
47
DUAL OUTPUT
P18TG-243R3Z4:1MLF
9-36
18
222
± 3.3
0
± 606
75
± 470
P18TG-2405Z4:1MLF
9-36
18
210.9
± 5
0
± 400
79
± 330
P18TG-2409Z4:1MLF
9-36
18
208.3
± 9
0
± 222
80
± 47
P18TG-2412Z4:1MLF
9-36
18
205.8
± 12
0
± 166
81
± 47
P18TG-2415Z4:1MLF
9-36
18
203.3
± 15
0
± 133
82
± 33
P18TG-2424Z4:1MLF
9-36
18
208.3
± 24
0
± 83
80
± 22
P18TG-483R3Z4:1MLF
18-72
15
110
± 3.3
0
± 606
75
± 470
P18TG-4805Z4:1MLF
18-72
15
105.5
± 5
0
± 400
79
± 330
P18TG-4809Z4:1MLF
18-72
15
104.2
± 9
0
± 222
80
± 47
P18TG-4812Z4:1MLF
18-72
15
102.8
± 12
0
± 166
81
± 47
P18TG-4815Z4:1MLF
18-72
15
101.6
± 15
0
± 133
82
± 33
P18TG-4824Z4:1MLF
18-72
15
104.2
± 24
0
± 83
80
± 22
If you need other specifications, please enquire.
* For optional 3.5kV DC I/O Isolation, please add “H35” before MLF!
Example: P18TG-1205Z4:1H35MLF for 3.5kV



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com