Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M95320-WBN3TP Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza M95320-WBN3TP
Descripción Electrónicos  64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-WBN3TP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M95320-WBN3TP Datasheet HTML 9Page - STMicroelectronics M95320-WBN3TP Datasheet HTML 10Page - STMicroelectronics M95320-WBN3TP Datasheet HTML 11Page - STMicroelectronics M95320-WBN3TP Datasheet HTML 12Page - STMicroelectronics M95320-WBN3TP Datasheet HTML 13Page - STMicroelectronics M95320-WBN3TP Datasheet HTML 14Page - STMicroelectronics M95320-WBN3TP Datasheet HTML 15Page - STMicroelectronics M95320-WBN3TP Datasheet HTML 16Page - STMicroelectronics M95320-WBN3TP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
13/39
M95640, M95320
Figure 10. Write Disable (WRDI) Sequence
Write Disable (WRDI)
One way of resetting the Write Enable Latch
(WEL) bit is to send a Write Disable instruction to
the device.
As shown in Figure 10, to send this instruction to
the device, Chip Select (S) is driven Low, and the
bits of the instruction byte are shifted in, on Serial
Data Input (D).
The device then enters a wait state. It waits for a
the device to be deselected, by Chip Select (S) be-
ing driven High.
The Write Enable Latch (WEL) bit, in fact, be-
comes reset by any of the following events:
– Power-up
– WRDI instruction execution
– WRSR instruction completion
– WRITE instruction completion.
C
D
AI03750D
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39