| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AR0130CSSC00SPBA0-DR1 Datasheet(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0130CSSC00SPBA0-DR1 Datasheet(HTML) 2 Page - ON Semiconductor |
|
2 / 39 page ![]() AR0130CS www.onsemi.com 2 ORDERING INFORMATION Table 2. ORDERABLE PART NUMBERS Part Number Base Description Variant Description AR0130CSSC00SPBA0−DP1 RGB Bayer 48−Pin PLCC Dry Pack with Protective Film AR0130CSSC00SPBA0−DR1 RGB Bayer 48−Pin PLCC Dry Pack without Protective Film AR0130CSSC00SPCA0−DPBR1 RGB Bayer 48−Pin iLCC Dry Pack with Protective Film, Double Side BBAR Glass AR0130CSSC00SPCA0−DRBR1 RGB Bayer 48−Pin iLCC Dry Pack without Protective Film, Double Side BBAR Glass AR0130CSSC00SPCAH−GEVB RGB Bayer headboard iLCC AR0130CSSC00SPCAH−S115−GEVB RGB Bayer headboard iLCC AR0130CSSC00SPCAH−S213A−GEVB RGB Bayer headboard iLCC AR0130CSSC00SPCAW−GEVB RGB Bayer headboard iLCC AR0130CSSM00SPCA0−DRBR1 Monochrome 48−Pin iLCC Dry Pack without Protective Film, Double Side BBAR Glass AR0130CSSM00SPCAH−S213A−GEVB Monochrome headboard iLCC See the ON Semiconductor Device Nomenclature document (TND310/D) for a full description of the naming convention used for image sensors. For reference documentation, including information on evaluation kits, please visit our web site at www.onsemi.com. GENERAL DESCRIPTION The ON Semiconductor AR0130 can be operated in its default mode or programmed for frame size, exposure, gain, and other parameters. The default mode output is a 960p−resolution image at 45 frames per second (fps). It outputs 12−bit raw data over the parallel port. The device may be operated in video (master) mode or in single frame trigger mode. FRAME_VALID and LINE_VALID signals are output on dedicated pins, along with a synchronized pixel clock in parallel mode. The AR0130 includes additional features to allow application−specific tuning: windowing and offset, adjustable auto−exposure control, and auto black level correction. Optional register information and histogram statistic information can be embedded in first and last 2 lines of the image frame. FUNCTIONAL OVERVIEW The AR0130 is a progressive−scan sensor that generates a stream of pixel data at a constant frame rate. It uses an on−chip, phase−locked loop (PLL) that can be optionally enabled to generate all internal clocks from a single master input clock running between 6 and 50 MHz The maximum output pixel rate is 74.25 Mp/s, corresponding to a clock rate of 74.25 MHz. Figure 1 shows a block diagram of the sensor. |