| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M24C02-RBN6TG/W Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C02-RBN6TG/W Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 29 page ![]() 1/29 March 2004 M24C16, M24C08 M24C04, M24C02, M24C01 16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I²C Bus EEPROM FEATURES SUMMARY ■ Two Wire I2C Serial Interface Supports 400kHz Protocol ■ Single Supply Voltage: – 4.5 to 5.5V for M24Cxx – 2.5 to 5.5V for M24Cxx-W – 1.8 to 5.5V for M24Cxx-R ■ Write Control Input ■ BYTE and PAGE WRITE (up to 16 Bytes) ■ RANDOM and SEQUENTIAL READ Modes ■ Self-Timed Programming Cycle ■ Automatic Address Incrementing ■ Enhanced ESD/Latch-Up Behavior ■ More than 1 Million Erase/Write Cycles ■ More than 40 Year Data Retention Figure 1. Packages PDIP8 (BN) SO8 (MN) 150 mil width 8 1 TSSOP8 (DW) 169 mil width TSSOP8 (DS) 3x3mm² body size (MSOP) 8 1 UFDFPN8 (MB) 2x3mm² (MLP) |
Número de pieza similar - M24C02-RBN6TG/W |
|
Descripción similar - M24C02-RBN6TG/W |