| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLE4476 Datasheet(PDF) 10 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4476 Datasheet(HTML) 10 Page - Infineon Technologies AG |
|
10 / 13 page ![]() Data Sheet Rev. 2.3 10 2002-02-20 TLE 4476 Drop Voltage V DR1 versus Output Current I Q1 Current Consumption I q versus Input Voltage V I Drop Voltage V DR2 versus Output Current I Q2 EN ON Current Consumption I q versus Input Voltage V I AED02847 0 050 100 150 200 250 200 400 600 800 1200 mV mA V DR1 Q1 I AED02849 0 0 q I I V 10 20 30 40 50 1 2 3 4 6 mA V 5 L2 R = 50 Ω = 100 Ω R L2 AED02848 0 0 100 200 300 400 500 100 200 300 400 600 mV mA V DR2 Q2 I 500 AED02846 0 0 q I I V 10 20 30 40 50 1 2 3 4 6 mA V 5 = 33 Ω R L1 = 330 Ω = 3.3 k Ω L1 R L1 R |