| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LC75813T Datasheet(PDF) 14 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC75813T Datasheet(HTML) 14 Page - ON Semiconductor |
|
14 / 28 page ![]() Page 14 LC75813E, 75813T Segment Output pin COM1 COM2 COM3 COM4 S1/P1 D1 D2 D3 D4 S2/P2 D5 D6 D7 D8 S3/P3 D9 D10 D11 D12 S4/P4 D13 D14 D15 D16 S5/P5 D17 D18 D19 D20 S6/P6 D21 D22 D23 D24 S7/P7 D25 D26 D27 D28 S8/P8 D29 D30 D31 D32 S9 D33 D34 D35 D36 S10 D37 D38 D39 D40 S11 D41 D42 D43 D44 S12 D45 D46 D47 D48 S13 D49 D50 D51 D52 S14 D53 D54 D55 D56 S15 D57 D58 D59 D60 S16 D61 D62 D63 D64 S17 D65 D66 D67 D68 S18 D69 D70 D71 D72 S19 D73 D74 D75 D76 S20 D77 D78 D79 D80 S21 D81 D82 D83 D84 S22 D85 D86 D87 D88 S23 D89 D90 D91 D92 S24 D93 D94 D95 D96 S25 D97 D98 D99 D100 S26 D101 D102 D103 D104 S27 D105 D106 D107 D108 S28 D109 D110 D111 D112 S29 D113 D114 D115 D116 S30 D117 D118 D119 D120 S31 D121 D122 D123 D124 S32 D125 D126 D127 D128 S33 D129 D130 D131 D132 S34 D133 D134 D135 D136 S35 D137 D138 D139 D140 S36 D141 D142 D143 D144 S37 D145 D146 D147 D148 S38 D149 D150 D151 D152 S39 D153 D154 D155 D156 S40 D157 D158 D159 D160 S41 D161 D162 D163 D164 S42 D165 D166 D167 D168 S43 D169 D170 D171 D172 Segment Output pin COM1 COM2 COM3 COM4 S44 D173 D174 D175 D176 S45 D177 D178 D179 D180 S46 D181 D182 D183 D184 S47 D185 D186 D187 D188 S48 D189 D190 D191 D192 S49 D193 D194 D195 D196 S50 D197 D198 D199 D200 S51 D201 D202 D203 D204 S52 D205 D206 D207 D208 S53 D209 D210 D211 D212 S54 D213 D214 D215 D216 S55 D217 D218 D219 D220 S56 D221 D222 D223 D224 S57 D225 D226 D227 D228 S58 D229 D230 D231 D232 S59 D233 D234 D235 D236 S60 D237 D238 D239 D240 S61 D241 D242 D243 D244 S62 D245 D246 D247 D248 S63 D249 D250 D251 D252 S64 D253 D254 D255 D256 S65 D257 D258 D259 D260 S66 D261 D262 D263 D264 S67 D265 D266 S267 D268 S68 D269 D270 D271 D272 S69 D273 D274 D275 D276 S70 D277 D278 D279 D280 S71 D281 D282 D283 D284 S72 D285 D286 D287 D288 S73 D289 D290 D291 D292 S74 D293 D294 D295 D296 S75 D297 D298 D299 D300 S76 D301 D302 D303 D304 S77 D305 D306 D307 D308 S78 D309 D310 D311 D312 S79 D313 D314 D315 D316 S80 D317 D318 D319 D320 S81 D321 D322 D323 D324 S82 D325 D326 D327 D328 S83 D329 D330 D331 D332 S84 D333 D334 D335 D336 S85 D337 D338 D339 D340 S86 D341 D342 D343 D344 2. 1/4 duty Note: This applies to the case where the S1/P1 to S8/P8 output pins are set to be segment output ports. |