| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DH0035CG Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DH0035CG Datasheet(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() TLK10124 February 1995 DH0035DH0035C PIN Diode Driver General Description The DH0035DH0035C is a high speed digital driver de- signed to drive PIN diodes in RF modulators and switches The device is used in conjunction with an input buffer such as the DM7830DM8830 or DM5440DM7440 Features Y Large output voltage swing30V Y Peak output current in excess of 1A Y Inputs TTLDTL compatible Y Short propagation delay10 ns Y High repetition rate5 MHz The DH0035DH0035C is capable of driving a variety of PIN diode types including parallel serial anode grounded and cathode grounded For additional information see AN-49 PIN Diode Drivers The DH0035 is guaranteed over the temperature range b 55 Cto a125 C whereas the DH0035C is guaranteed from 0 Cto a85 C Schematic and Connection Diagrams TLK10124 – 1 Metal Can Package TLK10124 – 2 Top View Order Number DH0035G-MIL or DH0035CG See NS Package Number G12B C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |
Número de pieza similar - DH0035CG |
|
Descripción similar - DH0035CG |