Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

COP8781CWM Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza COP8781CWM
Descripción Electrónicos  8-Bit One-Time Programmable (OTP) Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8781CWM Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button COP8781CWM Datasheet HTML 5Page - National Semiconductor (TI) COP8781CWM Datasheet HTML 6Page - National Semiconductor (TI) COP8781CWM Datasheet HTML 7Page - National Semiconductor (TI) COP8781CWM Datasheet HTML 8Page - National Semiconductor (TI) COP8781CWM Datasheet HTML 9Page - National Semiconductor (TI) COP8781CWM Datasheet HTML 10Page - National Semiconductor (TI) COP8781CWM Datasheet HTML 11Page - National Semiconductor (TI) COP8781CWM Datasheet HTML 12Page - National Semiconductor (TI) COP8781CWM Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Functional Description (Continued)
TLDD11299 – 11
FIGURE 8 MICROWIREPLUS Application
bit in the CNTRL register enables the SO and SK functions
on the G Port The SK pin must be selected as an input and
the SO pin selected as an output pin by appropriately setting
up the Port G configuration register Table V summarizes
the settings required to enter the Slave mode of operation
The user must set the BUSY flag immediately upon entering
the Slave mode This will ensure that all data bits sent by
the Master will be shifted properly After eight clock pulses
the BUSY flag will be cleared and the sequence may be
repeated
(Figure 8)
TABLE V
G4
G5
G4
G5
G6
Config
Config
Fun
Fun
Fun
Operation
Bit
Bit
1
1
SO
Int SK
SI
MICROWIRE Master
0
1
TRI-STATE Int SK
SI
MICROWIRE Master
1
0
SO
Ext SK
SI
MICROWIRE Slave
0
0
TRI-STATE Ext SK
SI
MICROWIRE Slave
TIMERCOUNTER
The device has a powerful 16-bit timer with an associated
16-bit register enabling it to perform extensive timer func-
tions The timer T1 and its register R1 are each organized
as two 8-bit readwrite registers Control bits in the register
CNTRL allow the timer to be started and stopped under
software control The timer-register pair can be operated in
one of three possible modes Table VI details various timer
operating modes and their requisite control settings
MODE 1 TIMER WITH AUTO-LOAD REGISTER
In this mode of operation the timer T1 counts down at the
instruction cycle rate Upon underflow the value in the regis-
ter R1 gets automatically reloaded into the timer which con-
tinues to count down The timer underflow can be pro-
grammed to interrupt the microcontroller A bit in the control
register CNTRL enables the TIO (G3) pin to toggle upon
timer underflows This allows the generation of square-wave
outputs or pulse width modulated outputs under software
control
(Figure 9)
MODE 2 EXTERNAL COUNTER
In this mode the timer T1 becomes a 16-bit external event
counter The counter counts down upon an edge on the TIO
pin Control bits in the register CNTRL program the counter
to decrement either on a positive edge or on a negative
edge Upon underflow the contents of the register R1 are
automatically copied into the counter The underflow can
also be programmed to generate an interrupt
(Figure 9)
MODE 3 TIMER WITH CAPTURE REGISTER
Timer T1 can be used to precisely measure external fre-
quencies or events in this mode of operation The timer T1
counts down at the instruction cycle rate Upon the occur-
rence of a specified edge on the TIO pin the contents of the
timer T1 are copied into the register R1 Bits in the control
register CNTRL allow the trigger edge to be specified either
as a positive edge or as a negative edge In this mode the
user can elect to be interrupted on the specified trigger
edge
(Figure 10)
TABLE VI Timer Operating Modes
CNTRL
Timer
Bits
Operation Mode
T Interrupt
Counts
765
On
0 0 0
External Counter wAuto-Load Reg
Timer Underflow
TIO Pos Edge
0 0 1
External Counter wAuto-Load Reg
Timer Underflow
TIO Neg Edge
0 1 0
Not Allowed
Not Allowed
Not Allowed
0 1 1
Not Allowed
Not Allowed
Not Allowed
1 0 0
Timer wAuto-Load Reg
Timer Underflow
tc
1 0 1
Timer wAuto-Load RegToggle TIO Out
Timer Underflow
tc
1 1 0
Timer wCapture Register
TIO Pos Edge
tc
1 1 1
Timer wCapture Register
TIO Neg Edge
tc
http
www nationalcom
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28