Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TP3B155K025C2000AS Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza TP3B155K025C2000AS
Descripción Electrónicos  Solid Tantalum Surface Mount Chip Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3B155K025C2000AS Datasheet(HTML) 3 Page - Vishay Siliconix

  TP3B155K025C2000AS Datasheet HTML 1Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 2Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 3Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 4Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 5Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 6Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 7Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 8Page - Vishay Siliconix TP3B155K025C2000AS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TP3
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
3
Document Number: 40116
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• ESR limits in
Ω shown in parenthesis
Note
(1) Capital letter indicates lead (Pb)-free
22
A (2.90, 2.00)
B (2.00, 0.60)
C (1.80, 0.50)
A (2.50, 1.50)
B (1.90, 0.60, 0.70)
C (1.50, 0.40, 0.345,
0.245)
B (1.90, 0.70.
0.60)
C (1.40, 0.8,
0.375, 0.35)
D (0.80, 0.25)
C (1.10, 0.375)
D (0.70, 0.225,
0.18)
C (1.20, 0.40)
D (0.70, 0.20)
D (0.60, 0.30,
0.26, 0.20)
E (0.60, 0.275)
33
B (2.00)
C (2.0, 1.80,
0.50)
A (2.50, 0.80)
B (1.90, 0.60)
C (1.50, 0.375)
B (1.90, 1.50, 0.60)
C (1.40, 0.60, 0.30)
D (0.80, 0.25)
C (1.10, 0.30)
D (0.70, 0.225)
C (1.00, 0.35)
D (0.70, 0.20)
D (0.70,
0.30, 0.20)
E (0.60,
0.30, 0.20)
47
A (1.60)
B (1.90, 0.60,
0.55, 0.50)
C (1.40, 0.30, 0.25)
D (0.80, 0.20)
B (1.80, 0.60)
C (1.10, 0.30)
D (0.70, 0.20)
C (1.00, 0.30)
D (0.70, 0.20,
0.15, 0.12)
D (0.70, 0.25,
0.20, 0.15)
E (0.60, 0.15)
E (0.60, 0.20)
68
B (1.4)
C (1.4)
B (1.80, 0.55)
C (0.80, 0.275)
D (0.70, 0.20)
C (1.00, 0.275)
D (0.70, 0.15)
D (0.60, 0.15)
100
B (0.9, 1.7)
C (0.80, 0.25)
D (0.70, 0.15,
0.14, 0.13)
C (0.90, 0.25, 0.20)
D (0.60, 0.15, 0.10,
0.08)
D (0.60, 0.15,
0.125)
E (0.60, 0.10)
E (0.50, 0.15)
150
C (0.70, 0.30, 0.20)
D (0.60, 0.15)
D (0.60, 0.10)
E (0.50, 0.10)
E (0.50, 0.10)
220
D (0.60, 0.10)
E (0.50, 0.10)
D (0.60, 0.125, 0.10)
E (0.50, 0.10)
E (0.50, 0.10)
330
D (0.60, 0.125)
E (0.50, 0.10)
470
E (0.50, 0.10)
MARKING
“A” CASE VOLTAGE CODE
VOLTS
CODE
4.0
G
6.3
J
10
A
16
C
20
D
25
E
35
V
50
T
Marking
Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. “A” case capacitors use a letter
code for the voltage and EIA capacitance code.
The Vishay identification marking is included if space permits. Vishay marking (“circled 2”) may show additives in the form of short lines,
depicting actual manufacturing facility. For A case capacitors discontinuation in polarity bar maybe used as actual manufacturing facility
designation. Capacitors rated at 6.3 V are marked 6 V.
A manufacturing date code is marked on all capacitors, for details see FAQ: www.vishay.com/doc?40110.
Call the factory for further explanation.
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
Capacitance
code, pF
Indicates
high performance
(1)
Polarity band (+)
Voltage
code
V 104Z
A Case
Date code
designation
Date code
Vishay marking
Indicates
high performance
(1)
Voltage
Capacitance
μF
Polarity
band (+)
22
P10
XX
2
B, C, D, E Cases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com