Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TP3B156K010C2000AS Datasheet(PDF) 12 Page - Vishay Siliconix

No. de pieza TP3B156K010C2000AS
Descripción Electrónicos  Solid Tantalum Surface Mount Chip Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3B156K010C2000AS Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button TP3B156K010C2000AS Datasheet HTML 8Page - Vishay Siliconix TP3B156K010C2000AS Datasheet HTML 9Page - Vishay Siliconix TP3B156K010C2000AS Datasheet HTML 10Page - Vishay Siliconix TP3B156K010C2000AS Datasheet HTML 11Page - Vishay Siliconix TP3B156K010C2000AS Datasheet HTML 12Page - Vishay Siliconix TP3B156K010C2000AS Datasheet HTML 13Page - Vishay Siliconix TP3B156K010C2000AS Datasheet HTML 14Page - Vishay Siliconix TP3B156K010C2000AS Datasheet HTML 15Page - Vishay Siliconix TP3B156K010C2000AS Datasheet HTML 16Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
TP3
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
12
Document Number: 40116
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CURVES AT +25 °C, IMPEDANCE AND ESR VS. FREQUENCY
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT +25 °C (W) IN FREE AIR
A
0.075
B
0.085
C
0.110
D
0.150
E
0.165
STANDARD PACKAGING QUANTITY
CASE CODE
UNITS PER REEL
7" REEL
13" REEL
A
2000
9000
B
2000
8000
C
500
3000
D
500
2500
E
400
1500
PRODUCT INFORMATION
Guide for Molded Tantalum Capacitors
www.vishay.com/doc?40074
Pad Dimensions
Packaging Dimensions
Moisture Sensitivity
www.vishay.com/doc?40135
SELECTOR GUIDES
Solid Tantalum Selector Guide
www.vishay.com/doc?49053
Solid Tantalum Chip Capacitors
www.vishay.com/doc?40091
FAQ
Frequently Asked Questions
www.vishay.com/doc?40110
0.1
1
10
100
1000
0.1
1
10
100
1000
FREQUENCY, kHz
IMPEDANCE
ESR
10 μF, 20 V
DC, “C” Case
68 μF, 6.3 V
DC, “B” Case
“B” and “C” CASE
0.1
1
10
100
1000
1
0.1
0.01
FREQUENCY, kHz
“D” CASE
IMPEDANCE
ESR
220 μF, 10 V
DC
330 μF, 6.3 V
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com