| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM138QML Datasheet(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM138QML Datasheet(HTML) 4 Page - Texas Instruments |
|
4 / 34 page ![]() 4 LM138QML SNVSAA9 – OCTOBER 2017 www.ti.com Product Folder Links: LM138QML Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 6 Specifications 6.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT Power dissipation Internally limited Input and output voltage differential –0.3 40 V Storage temperature, Tstg –65 150 °C Lead temperature (soldering, 10 seconds) 300 °C 6.2 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT Operating temperature, TJ –55 150 °C Input-to-output voltage differential 3 40 V Output current 5 A |