Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

QPD1004 Datasheet(PDF) 5 Page - TriQuint Semiconductor

No. de pieza QPD1004
Descripción Electrónicos  25W, 50V, 30 ??1200 MHz, GaN RF Input-Matched Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIQUINT [TriQuint Semiconductor]
Página de inicio  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPD1004 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  QPD1004 Datasheet HTML 1Page - TriQuint Semiconductor QPD1004 Datasheet HTML 2Page - TriQuint Semiconductor QPD1004 Datasheet HTML 3Page - TriQuint Semiconductor QPD1004 Datasheet HTML 4Page - TriQuint Semiconductor QPD1004 Datasheet HTML 5Page - TriQuint Semiconductor QPD1004 Datasheet HTML 6Page - TriQuint Semiconductor QPD1004 Datasheet HTML 7Page - TriQuint Semiconductor QPD1004 Datasheet HTML 8Page - TriQuint Semiconductor QPD1004 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
QPD1004
25W, 50V, 30
– 1200 MHz, GaN RF Input-Matched Transistor
Rev. C
- 5 of 20 -
Disclaimer: Subject to change without notice
© 2017 Qorvo
www.qorvo.com
Thermal and Reliability Information - CW
Parameter
Conditions
Values
Units
Thermal Resistance (θJC)
85 °C Case
9.6 W Pdiss, CW
5.4
°C/W
Maximum Channel Temperature (TCH)
137
°C
Median Lifetime (TM)
2.0E10
Hrs
Thermal Resistance (θJC)
85 °C Case
14.4 W Pdiss, CW
5.8
°C/W
Maximum Channel Temperature (TCH)
168
°C
Median Lifetime (TM)
7.0E8
Hrs
Thermal Resistance (θJC)
85 °C Case
19.2 W Pdiss, CW
6.1
°C/W
Maximum Channel Temperature (TCH)
202
°C
Median Lifetime (TM)
3.0E7
Hrs
Thermal Resistance (θJC)
85 °C Case
24.0 W Pdiss, CW
6.5
°C/W
Maximum Channel Temperature (TCH)
241
°C
Median Lifetime (TM)
1.6E6
Hrs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com