| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCF4556 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4556 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() 1/9 September 2001 s EXPANDABLE WITH MULTIPLE PACKAGES s STANDARDIZED SYMMETRICAL OUTPUT CHARACTERISTICS s QUIESCENT CURRENT SPECIFIED UP TO 20V s 5V, 10V AND 15V PARAMETRIC RATINGS s INPUT LEAKAGE CURRENT II = 100nA (MAX) AT VDD = 18V TA = 25°C s 100% TESTED FOR QUIESCENT CURRENT s MEETS ALL REQUIREMENTS OF JEDEC JESD13B " STANDARD SPECIFICATIONS FOR DESCRIPTION OF B SERIES CMOS DEVICES" DESCRIPTION The HCF4556B is a monolithic integrated circuit fabricated in Metal Oxide Semiconductor technology available in DIP and SOP packages. The HCF4556B is a dual 1 of 4 decoder/ demultiplexer. Each decoder has two select inputs (A and B), an Enable input (E), and four mutually exclusive outputs. On the HCF4556B the outputs are low on select. When the Enable input is high, the outputs is high regardless of the state of the select inputs A and B. HCF4556B DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXER OUTPUT LOW ON SELECT PIN CONNECTION ORDER CODES PACKAGE TUBE T & R DIP HCF4556BEY SOP HCF4556BM1 HCF4556M013TR DIP SOP |
Número de pieza similar - HCF4556 |
|
Descripción similar - HCF4556 |