Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD6650BBC1 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD6650BBC1
Descripción Electrónicos  Diversity IF to Baseband GSM/EDGE Narrowband Receiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD6650BBC1 Datasheet(HTML) 3 Page - Analog Devices

  AD6650BBC1 Datasheet HTML 1Page - Analog Devices AD6650BBC1 Datasheet HTML 2Page - Analog Devices AD6650BBC1 Datasheet HTML 3Page - Analog Devices AD6650BBC1 Datasheet HTML 4Page - Analog Devices AD6650BBC1 Datasheet HTML 5Page - Analog Devices AD6650BBC1 Datasheet HTML 6Page - Analog Devices AD6650BBC1 Datasheet HTML 7Page - Analog Devices AD6650BBC1 Datasheet HTML 8Page - Analog Devices AD6650BBC1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Preliminary Technical Data
AD6650
REV. PrJ 02/27/2003
3
AC Specifications
Parameter
Temp
Test
Level
MIN
AD6650BBC
Typ
Max
Units
Overall Function
Frequency Range
70
300
MHz
Gain Control
Gain Step Size
.094
dB
Gain Step Accuracy
+/- .5
Step
Baseband Filters
Group Delay
119
124
127
ns
Bandwidth
3.36
3.5
3.64
MHz
LO Phase Noise:
@ 200KHz Offset
-88
dBc/Hz
@ 400KHz Offset
-108
dBc/Hz
@ 600KHz Offset
-120
dBc/Hz
@ 800KHz Offset
TBD
dBc/Hz
@ 1600KHz Offset
TBD
dBc/Hz
@ 3000KHz Offset
TBD
dBc/Hz
F = 70 MHz
Min Gain
0
dB
Max Gain
36
dB
Noise Figure1
10.25
dB
Input IP2
+24
dBm
Input IP3
-13
dBm
Image Rejection
35
dBc
FullScale Input Power
+4
dBm
Input Impedance
200+jx
Ω
F = 150 MHz
Min Gain
0
dB
Max Gain
36
dB
Noise Figure1
10.25
dB
Input IP2
+24
dBm
Input IP3
-13
dBm
Image Rejection
35
dBc
FullScale Input Power
+4
dBm
Input Impedance
200+jx
Ω
F = 200 MHz
Min Gain
0
dB
Max Gain
36
dB
Noise Figure1
10.25
dB
Input IP2
+24
dBm
Input IP3
-13
dBm
Image Rejection
35
dBc
FullScale Input Power
+4
dBm
Input Impedance
200+jx
Ω
F = 250 MHz
Min Gain
0
dB
Max Gain
36
dB
Noise Figure1
10.25
dB
Input IP2
+24
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28