| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
80960JT Datasheet(PDF) 5 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
80960JT Datasheet(HTML) 5 Page - Intel Corporation |
|
5 / 78 page ![]() Advance Information Datasheet 5 80960JA/JF/JD/JT 3.3 V Microprocessor Tables 1 80960Jx Instruction Set....................................................................................... 13 2 Pin Description Nomenclature............................................................................. 16 3 Pin Description — External Bus Signals ............................................................. 17 4 Pin Description — Processor Control Signals, Test Signals and Power ............. 20 5 Pin Description — Interrupt Unit Signals ............................................................. 21 6 132-Lead PGA Pinout — In Signal Order............................................................ 24 7 132-Lead PGA Pinout — In Pin Order ................................................................ 25 8 132-Lead PQFP Pinout — In Signal Order ......................................................... 27 9 132-Lead PQFP Pinout — In Pin Order .............................................................. 28 10 196-Ball MPBGA Pinout — In Signal Order ........................................................ 31 11 196-Ball MPBGA Pinout — In Pin Order ............................................................. 33 12 132-Lead PGA Package Thermal Characteristics............................................... 35 13 196-Ball MPBGA Package Thermal Characteristics ........................................... 35 14 132-Lead PQFP Package Thermal Characteristics ............................................ 36 15 Maximum TA at Various Airflows in °C (80960JT)...............................................36 16 Maximum TA at Various Airflows in °C (80960JD) ..............................................37 17 Maximum TA at Various Airflows in °C (80960JA/JF)..........................................37 18 Absolute Maximum Ratings................................................................................. 39 19 80960Jx Operating Conditions ............................................................................ 39 20 VDIFF Parameters .............................................................................................. 40 21 80960Jx DC Characteristics................................................................................ 42 22 80960Jx ICC Characteristics................................................................................42 23 80960Jx AC Characteristics ................................................................................ 44 24 Note Definitions for Table 23, 80960Jx AC Characteristics (pg. 44) ................... 47 25 Boundary-Scan Register Bit Order...................................................................... 69 26 Natural Boundaries for Load and Store Accesses .............................................. 70 27 Summary of Byte Load and Store Accesses....................................................... 70 28 Summary of Short Word Load and Store Accesses............................................ 70 29 Summary of n-Word Load and Store Accesses (n = 1, 2, 3, 4)........................... 71 30 80960Jx Device Type and Stepping Reference .................................................. 74 31 Fields of 80960JT Device ID ............................................................................... 75 32 80960JT Device ID Model Types ........................................................................ 75 33 Fields of 80960JD Device ID............................................................................... 76 34 80960JD Device ID Model Types........................................................................ 76 35 Fields of 80960JA/JF Device ID .......................................................................... 77 36 80960JA/JF Device ID Model Types ................................................................... 77 37 Data Sheet Revision History ............................................................................... 77 |