Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VN750PT13TR Datasheet(PDF) 22 Page - STMicroelectronics

No. de pieza VN750PT13TR
Descripción Electrónicos  HIGH SIDE DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750PT13TR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VN750PT13TR Datasheet HTML 18Page - STMicroelectronics VN750PT13TR Datasheet HTML 19Page - STMicroelectronics VN750PT13TR Datasheet HTML 20Page - STMicroelectronics VN750PT13TR Datasheet HTML 21Page - STMicroelectronics VN750PT13TR Datasheet HTML 22Page - STMicroelectronics VN750PT13TR Datasheet HTML 23Page - STMicroelectronics VN750PT13TR Datasheet HTML 24Page - STMicroelectronics VN750PT13TR Datasheet HTML 25Page - STMicroelectronics VN750PT13TR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
22/29
VN750 / VN750S / VN750PT / VN750-B5
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.8
0.189
C1.37
0.054
D
2.4
2.8
0.094
0.110
D1
1.2
1.35
0.047
0.053
E
0.35
0.55
0.014
0.022
F
0.8
1.05
0.031
0.041
F1
1
1.4
0.039
0.055
G
3.2
3.4
3.6
0.126
0.134
0.142
G1
6.6
6.8
7
0.260
0.268
0.276
H2
10.4
0.409
H3
10.05
10.4
0.396
0.409
L
17.85
0.703
L1
15.75
0.620
L2
21.4
0.843
L3
22.5
0.886
L5
2.6
3
0.102
0.118
L6
15.1
15.8
0.594
0.622
L7
6
6.6
0.236
0.260
M4.5
0.177
M1
4
0.157
Diam.
3.65
3.85
0.144
0.152
PENTAWATT (VERTICAL) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29