Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS7025 Datasheet(PDF) 6 Page - Gennum Corporation

No. de pieza GS7025
Descripción Electrónicos  Serial Digital Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7025 Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS7025 Datasheet HTML 2Page - Gennum Corporation GS7025 Datasheet HTML 3Page - Gennum Corporation GS7025 Datasheet HTML 4Page - Gennum Corporation GS7025 Datasheet HTML 5Page - Gennum Corporation GS7025 Datasheet HTML 6Page - Gennum Corporation GS7025 Datasheet HTML 7Page - Gennum Corporation GS7025 Datasheet HTML 8Page - Gennum Corporation GS7025 Datasheet HTML 9Page - Gennum Corporation GS7025 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
GENNUM CORPORATION
522 - 80 - 00
6
36
CLK_EN
I
Clock enable. When HIGH, the serial clock outputs are enabled.
38
COSC
I
Timing control capacitor for internal system clock.
39
LOCK
O
Lock indication. When HIGH, the GS7025 is locked. LOCK is an open collector output
and requires an external 10k
Ω pullup resistor.
40
SSI/CD
O
Signal strength indicator/Carrier detect.
41
A/D
I
Analog/Digital select.
42
MOD
I
270 Mb/s modulus select - Always set high.
43
OEM_TEST
O
Output ‘Eye’ monitor test. Single-ended current mode output that requires an external
50
Ω pullup resistor. This feature is recommended for debugging purposes only. If
enabled during normal operation, the maximum operating temperature is rated to
60°C.
PIN DESCRIPTIONS (continued)
NUMBER
SYMBOL
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com