| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
S1313 Datasheet(PDF) 9 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
S1313 Datasheet(HTML) 9 Page - Seiko Instruments Inc |
|
9 / 56 page ![]() SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR Rev.2.1_00 S-1313 Series 9 Pin Configurations 1. SOT-23-5 13 2 4 5 Top view Figure 5 Table 7 Pin No. Symbol Description 1 VIN Input voltage pin 2 VSS GND pin 3 ON / OFF ON / OFF pin 4 NC *1 No connection 5 VOUT Output voltage pin *1. The NC pin is electrically open. The NC pin can be connected to the VIN pin or the VSS pin. 2. SC-82AB 12 3 4 Top view Figure 6 Table 8 Pin No. Symbol Description 1 ON / OFF ON / OFF pin 2 VSS GND pin 3 VOUT Output voltage pin 4 VIN Input voltage pin |