| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
WM8775EDS Datasheet(PDF) 18 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8775EDS Datasheet(HTML) 18 Page - Wolfson Microelectronics plc |
|
18 / 36 page ![]() WM8775 Product Preview w PP Rev 1.8, June 2004 18 DSP LATE MODE The MSB of the left channel ADC data is output on DOUT and changes on the same falling edge of BCLK as the low to high ADCLRC transition and may be sampled on the rising edge of BCLK. The right channel ADC data is contiguous with the left channel data (Figure 16). ADCLRC BCK DOUT Input Word Length (IWL) 1/fs LEFT CHANNEL n 2 1 n-1 LSB MSB n 2 1 n-1 RIGHT CHANNEL NO VALID DATA 1 Figure 16 DSP Late Mode Timing Diagram – ADC Data Output CONTROL INTERFACE OPERATION The WM8775 is controlled using a 3-wire serial interface in a SPI compatible configuration or a 2-wire serial interface mode. The interface type is selected by the MODE pin as shown in Table 9. MODE Control Mode 0 2 wire interface 1 3 wire interface Table 9 Control Interface Selection via MODE pin The control interface is 5V tolerant, meaning that the control interface input signals CE, CL and DI as well as MODE may have an input high level of 5V while DVDD is 3V. Input thresholds are determined by DVDD. 3-WIRE (SPI COMPATIBLE) SERIAL CONTROL MODE DI is used for the program data, CL is used to clock in the program data and CE is used to latch the program data. DI is sampled on the rising edge of CL. The 3-wire interface protocol is shown in Figure 17. Figure 17 3-Wire SPI Compatible Interface 1. B[15:9] are Control Address Bits 2. B[8:0] are Control Data Bits 3. CE is edge sensitive – the data is latched on the rising edge of CE. B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 CE CL DI |