Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GEM20-066 Datasheet(PDF) 3 Page - Green Power Solutions srl

No. de pieza GEM20-066
Descripción Electrónicos  Green Power Easy Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GPSEMI [Green Power Solutions srl]
Página de inicio  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GEM20-066 Datasheet(HTML) 3 Page - Green Power Solutions srl

  GEM20-066 Datasheet HTML 1Page - Green Power Solutions srl GEM20-066 Datasheet HTML 2Page - Green Power Solutions srl GEM20-066 Datasheet HTML 3Page - Green Power Solutions srl GEM20-066 Datasheet HTML 4Page - Green Power Solutions srl GEM20-066 Datasheet HTML 5Page - Green Power Solutions srl GEM20-066 Datasheet HTML 6Page - Green Power Solutions srl GEM20-066 Datasheet HTML 7Page - Green Power Solutions srl GEM20-066 Datasheet HTML 8Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
GEM_066, _076, _084 FAMILY
1.0
0
24
Maximum IEC class 1 currents for typical circuit type
GEM_066 GEM_076 GEM_084
Conditions
Units
AC switch
1468
1698
1880
TA = 40 °C
delay angle = 0°
A
Center tap
1314
1520
1683
TA = 40 °C
delay angle = 0°
A
Two pulse bridge
1314
1520
1683
TA = 40 °C
delay angle = 0°
A
Six pulse bridge
1872
2130
2396
TA = 40 °C
delay angle = 0°
A
Double star with I.P. transf.
3770
4320
4823
TA = 40 °C
delay angle = 0°
A
1.5;1 min
1.0
0
24
Maximum IEC class 2 currents for typical circuit type
GEM_066 GEM_076 GEM_084
Conditions
Units
Circuit Type
Circuit Type
AC switch
1140
1285
1490
TA = 40 °C
delay angle = 0°
A
Center tap
1025
1170
1360
TA = 40 °C
delay angle = 0°
A
Two pulse bridge
1025
1170
1360
TA = 40 °C
delay angle = 0°
A
Six pulse bridge
1440
1625
1950
TA = 40 °C
delay angle = 0°
A
Double star with I.P. transf.
2915
3295
3900
TA = 40 °C
delay angle = 0°
A
Thermal and mechanical characteristics
GEM_066 GEM_076 GEM_084
Conditions
Units
Tjmax
Max operating junction
temperature
125
125
125
°C
Tstg
Storage temperature
-40 +70
-40 +70
-40 +70
°C
RthJA
Thermal resistance
(junction to ambient)
0.086
0.089
0.086
DC operation
°C/W
Mounting torque -
GEM to panel (+/- 10%)
7
7
7
M6 mounting screw
N·m
Mounting torque -
busbar to GEM (+/- 10%)
14
14
14
M8 mounting screw
N·m
m
Mass, typ
22
22
22
with FAPC options
kg
Overall dimensions
290
mm
500
170
Parameters
F
Document GEM_066, _076, _084 FAMILYT002



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com