Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM27C256-150JC Datasheet(PDF) 5 Page - Advanced Micro Devices

No. de pieza AM27C256-150JC
Descripción Electrónicos  256 Kilobit (32,768 x 8-Bit) CMOS EPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C256-150JC Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM27C256-150JC Datasheet HTML 1Page - Advanced Micro Devices AM27C256-150JC Datasheet HTML 2Page - Advanced Micro Devices AM27C256-150JC Datasheet HTML 3Page - Advanced Micro Devices AM27C256-150JC Datasheet HTML 4Page - Advanced Micro Devices AM27C256-150JC Datasheet HTML 5Page - Advanced Micro Devices AM27C256-150JC Datasheet HTML 6Page - Advanced Micro Devices AM27C256-150JC Datasheet HTML 7Page - Advanced Micro Devices AM27C256-150JC Datasheet HTML 8Page - Advanced Micro Devices AM27C256-150JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AMD
2-36
Am27C256
ORDERING INFORMATION
OTP Products
DEVICE NUMBER
Am27C256
256 Kilobit (32,768 x 8-Bit) CMOS OTP EPROM
Valid Combinations
AM27C256-55
AM27C256-70
AM27C256-90
AM27C256-120
AM27C256-150
AM27C256-200
AM27C256-255
PACKAGE TYPE
P = 28-Pin Plastic DIP (PD 028)
J = 32-Pin Rectangular Plastic Leaded Chip
Carrier (PL 032)
E = 32-Pin TSOP (TS 032)
AMD Standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of:
C
P
-55
AM27C256
OPTIONAL PROCESSING
Blank = Standard Processing
TEMPERATURE RANGE
C = Commercial (0
°C to +70°C)
I
= Industrial (–40
°C to + 85°C)
SPEED OPTION
See Product Selector Guide and Valid Combinations
JC, PC, EC,
JI, PI, EI
Valid Combinations
Valid Combinations list configurations planned to be
supported in volume for this device. Consult the lo-
cal AMD sales office to confirm availability of specific
valid combinations and to check on newly released
combinations.
JC, PC, EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12