Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XZFABBA10A Datasheet(PDF) 1 Page - SunLED Corporation

No. de pieza XZFABBA10A
Descripción Electrónicos  Low power consumption
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNLED [SunLED Corporation]
Página de inicio  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZFABBA10A Datasheet(HTML) 1 Page - SunLED Corporation

  XZFABBA10A Datasheet HTML 1Page - SunLED Corporation XZFABBA10A Datasheet HTML 2Page - SunLED Corporation XZFABBA10A Datasheet HTML 3Page - SunLED Corporation XZFABBA10A Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part Number: XZFABBA10A
SURFACE MOUNT DISPLAY
Oct 11,2016
XDSB1636
V7-Z
Layout: Maggie L.
P. 1/4
Features
● 0.4 inch digit height
● Robust package
● Low power consumption
● Standard configuration: Gray face w/ white
segments
● Standard Package: 400pcs/ Reel
● MSL (Moisture Sensitivity Level): 2a
● RoHS compliant
Absolute Maximum Ratings
(TA=25°C)
Blue
(InGaN)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
100
mA
Power Dissipation
PD
120
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Electrostatic Discharge Threshold
(HBM)
1000
V
Package Schematics
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.
3.The gap between the reflector and PCB shall not exceed 0.25mm.
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Blue
(InGaN)
Unit
Forward Voltage (Typ.) (IF=10mA)
VF
3.05
V
Forward Voltage (Max.) (IF=10mA)
VF
4
V
Reverse Current (Max.) (VR=5V)
IR
10
uA
Wavelength of Peak
Emission CIE127-2007* (Typ.)
(IF=10mA)
λP
468*
nm
Wavelength of Dominant
Emission CIE127-2007* (Typ.)
(IF=10mA)
λD
465*
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
△λ
21
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
100
pF
Operating Characteristics
(TA=25°C)
Part
Number
Emitting
Color
Emitting
Material
Wavelength
CIE127-2007*
nm
λP
Description
min.
typ.
XZFABBA10A
Blue
InGaN
2200*
5790*
468*
Common Anode,
Rt.Hand Decimal.
Luminous Intensity
CIE127-2007*
(IF=10mA)
ucd
*Luminous intensity value and wavelength are in accordance with CIE127-2007 standards.
A Relative Humidity between 40% and 60% is recommended in
ESD-protected work areas to reduce static build up during assembly
process (Reference JEDEC/JESD625-A and JEDEC/J-STD-033)


Número de pieza similar - XZFABBA10A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SunLED Corporation
XZFABBA10A2 SUNLED-XZFABBA10A2 Datasheet
300Kb / 4P
Low power consumption
More results

Descripción similar - XZFABBA10A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HB Electronic Component...
STR2-16W-130 HB-STR2-16W-130 Datasheet
53Kb / 2P
Low power consumption
STR3 HB-STR3 Datasheet
52Kb / 2P
Low power consumption
logo
Kingbright Corporation
APG1005RWF-T-5MAV KINGBRIGHT-APG1005RWF-T-5MAV Datasheet
245Kb / 6P
Low power consumption
APG1608SURKC-T KINGBRIGHT-APG1608SURKC-T Datasheet
244Kb / 5P
Low power consumption
APHHS1005LCGCK KINGBRIGHT-APHHS1005LCGCK Datasheet
226Kb / 5P
Low power consumption
APHHS1005LSYCK-J3-PF KINGBRIGHT-APHHS1005LSYCK-J3-PF Datasheet
255Kb / 5P
Low power consumption
APHHS1005LZGCK-V KINGBRIGHT-APHHS1005LZGCK-V Datasheet
262Kb / 5P
Low power consumption
APT1608LSECK-J4-PRV KINGBRIGHT-APT1608LSECK-J4-PRV Datasheet
233Kb / 5P
Low power consumption
APG0603RWF-TT-5MAV KINGBRIGHT-APG0603RWF-TT-5MAV Datasheet
248Kb / 6P
Low power consumption
APTD1608LSYCK-J3-PF KINGBRIGHT-APTD1608LSYCK-J3-PF Datasheet
237Kb / 5P
Low power consumption
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com