Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC1G66 Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza 74AHC1G66
Descripción Electrónicos  Bilateral switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC1G66 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AHC1G66 Datasheet HTML 4Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 5Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 6Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 7Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 8Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 9Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 10Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 11Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
2002 Jun 06
8
Philips Semiconductors
Product specification
Bilateral switch
74AHC1G66; 74AHCT1G66
Type 74AHC1G66 and 74AHCT1G66
For 74AHC1G66: VCC = 2.0, 3.0, 4.5 and 5.5 V; or 74AHCT1G66: VCC = 4.5 and 5.5 V.
Note
1. At supply voltage approaching 2 V, the analog switch ON-resistance becomes extremely non-linear. Therefore, it is
recommended that these devices are used to transmit digital signals only, when using this supply voltage.
SYMBOL
PARAMETER
TEST
CONDITIONS
Tamb (°C)
UNIT
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 2.0 V; IS = 1 mA; VI =VIH or VIL; see Figs 7 and 8
RON
ON-resistance
(peak)
Vis =VCC to GND
148(1)
−−−−−Ω
ON-resistance
(rail)
Vis = GND
30
−−−−−Ω
Vis =VCC
28
−−−−−Ω
VCC = 3.0 to 3.6 V; IS = 10 mA; VI =VIH or VIL; see Figs 7 and 8
RON
ON-resistance
(peak)
Vis =VCC to GND
28
50
70
110
ON-resistance
(rail)
Vis = GND
20
50
65
90
Vis =VCC
18
50
65
90
VCC = 4.5 to 5.5 V; IS = 10 mA; VI =VIH or VIL; see Figs 7 and 8
RON
ON-resistance
(peak)
Vis =VCC to GND
15
30
40
60
ON-resistance
(rail)
Vis = GND
15
22
26
40
Vis =VCC
13
22
26
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com