| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F56517FDFP Datasheet(PDF) 41 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F56517FDFP Datasheet(HTML) 41 Page - Renesas Technology Corp |
|
41 / 190 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0100 Rev.1.00 Page 41 of 190 Aug 24, 2016 D3 MD/FINED D4 VBATT D5 P45 IRQ13-DS AN005 D6 P46 IRQ14-DS AN006 D7 PE6 D14[A14/ D14] MTIOC6C/TIC1 MOSIB-B MMC_CD-B/ SDHI_CD-B IRQ6 AN104 D8 PE7 D15[A15/ D15] MTIOC6A/TOC1 MISOB-B MMC_RES#-B/ SDHI_WP-B IRQ7 AN105 D9 PA1 A1 MTIOC0B/MTCLKC/ MTIOC7B/TIOCB0/ PO17 SCK5/SSLA2-B/ ET0_WOL IRQ11 D10 PA0 A0/BC0# MTIOC4A/ MTIOC6D/TIOCA0/ CACREF/PO16 SSLA1-B/ ET0_TX_EN/ RMII0_TXD_EN E1 XTAL P37 E2 VSS E3 RES# E4 TRST# P34 MTIOC0A/TMCI3/ PO12/POE10# SCK6/SCK0/ ET0_LINKSTA IRQ4 E5 P41 IRQ9-DS AN001 E6 PA2 A2 MTIOC7A/PO18 RXD5/SMISO5/ SSCL5/SSLA3-B E7 PA6 A6 MTIC5V/MTCLKB/ TIOCA2/TMCI3/ PO22/POE10# CTS5#/RTS5#/SS5#/ MOSIA-B/ ET0_EXOUT E8 PA4 A4 MTIC5U/MTCLKA/ TIOCA1/TMRI0/ PO20 TXD5/SMOSI5/ SSDA5/SSLA0-B/ ET0_MDC IRQ5-DS E9 PA5 A5 MTIOC6B/TIOCB1/ PO21 RSPCKA-B/ ET0_LINKSTA E10 PA3 A3 MTIOC0D/MTCLKD/ TIOCD0/TCLKB/ PO19 RXD5/SMISO5/ SSCL5/ET0_MDIO IRQ6-DS F1 EXTAL P36 F2 VCC F3 UPSEL P35 NMI F4 P32 MTIOC0C/TIOCC0/ TMO3/PO10/ RTCOUT/RTCIC2/ POE0#/POE10# TXD6/TXD0/ SMOSI6/SMOSI0/ SSDA6/SSDA0/ CTX0/ USB0_VBUSEN IRQ2-DS F5 P12 TMCI1 RXD2/SMISO2/ SSCL2/SCL0[FM+] IRQ2 F6 PB3 A11 MTIOC0A/ MTIOC4A/TIOCD3/ TCLKD/TMO0/ PO27/POE11# SCK6/ET0_RX_ER/ RMII0_RX_ER SDSI_D3-B F7 PB2 A10 TIOCC3/TCLKC/ PO26 CTS6#/RTS6#SS6#/ ET0_RX_CLK/ REF50CK0 SDSI_D2-B F8 PB0 A8 MTIC5W/TIOCA3/ PO24 RXD6/SMISO6/ SSCL6/ET0_ERXD1/ RMII0_RXD1 IRQ12 F9 PA7 A7 TIOCB2/PO23 MISOA-B/ET0_WOL F10 VSS Table 1.7 List of Pin and Pin Functions (100-Pin TFLGA) (2/4) Pin Number Power Supply Clock System Control I/O Port Bus EXDMAC SDRAMC Timer Communication Memory Interface Camera Interface Interrupt S12AD, R12DA 100-Pin TFLGA (MTU, TPU, TMR, PPG, RTC, CMTW, POE, CAC) (ETHERC, SCIg, SCIh, SCIi, RSPI, RIIC, CAN, USB) (QSPI, SDHI, SDSI, MMCIF, PDC) |