| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F104LEA Datasheet(PDF) 202 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104LEA Datasheet(HTML) 202 Page - Renesas Technology Corp |
|
202 / 213 page ![]() RL78/G14 4. PACKAGE DRAWINGS R01DS0053EJ0330 Rev. 3.30 Page 202 of 208 Aug 12, 2016 R5F104LCAFP, R5F104LDAFP, R5F104LEAFP, R5F104LFAFP, R5F104LGAFP, R5F104LHAFP, R5F104LJAFP R5F104LCDFP, R5F104LDDFP, R5F104LEDFP, R5F104LFDFP, R5F104LGDFP, R5F104LHDFP, R5F104LJDFP R5F104LCGFP, R5F104LDGFP, R5F104LEGFP, R5F104LFGFP, R5F104LGGFP, R5F104LHGFP, R5F104LJGFP y e x b M HD HE A1 A2 A D E 0.125 (UNIT:mm) ITEM DIMENSIONS D E HD HE A A1 A2 14.00 ±0.10 14.00 ±0.10 16.00 ±0.20 16.00 ±0.20 1.70 MAX. 0.10 ±0.10 1.40 c θ L 0.50 ±0.20 0 ° to 8° detail of lead end 0.37 b 16 32 1 64 17 33 49 48 2 1 3 2012 Renesas Electronics Corporation. All rights reserved. −0.02 +0.05 −0.05 +0.08 θ L c NOTE 1.Dimensions “ 1” and “ 2” do not include mold flash. 2.Dimension “ 3” does not include trim offset. JEITA Package Code RENESAS Code Previous Code MASS (TYP.) [g] P-LQFP64-14x14-0.80 PLQP0064GA-A P64GC-80-GBW-1 0.7 0.80 0.20 0.10 e x y |