| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F104LEA Datasheet(PDF) 184 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104LEA Datasheet(HTML) 184 Page - Renesas Technology Corp |
|
184 / 213 page ![]() RL78/G14 3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105 °C) R01DS0053EJ0330 Rev. 3.30 Page 184 of 208 Aug 12, 2016 3.6.6 LVD circuit characteristics (1) Reset Mode and Interrupt Mode (TA = -40 to +105°C, VPDR ≤ VDD ≤ 5.5 V, VSS = 0 V) Parameter Symbol Conditions MIN. TYP. MAX. Unit Voltage detection threshold Supply voltage level VLVD0 Rising edge 3.90 4.06 4.22 V Falling edge 3.83 3.98 4.13 V VLVD1 Rising edge 3.60 3.75 3.90 V Falling edge 3.53 3.67 3.81 V VLVD2 Rising edge 3.01 3.13 3.25 V Falling edge 2.94 3.06 3.18 V VLVD3 Rising edge 2.90 3.02 3.14 V Falling edge 2.85 2.96 3.07 V VLVD4 Rising edge 2.81 2.92 3.03 V Falling edge 2.75 2.86 2.97 V VLVD5 Rising edge 2.70 2.81 2.92 V Falling edge 2.64 2.75 2.86 V VLVD6 Rising edge 2.61 2.71 2.81 V Falling edge 2.55 2.65 2.75 V VLVD7 Rising edge 2.51 2.61 2.71 V Falling edge 2.45 2.55 2.65 V Minimum pulse width tLW 300 μs Detection delay time 300 μs |