Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

25SQ030-25A-R-6 Datasheet(PDF) 1 Page - Nanjing International Group Co

No. de pieza 25SQ030-25A-R-6
Descripción Electrónicos  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DGNJDZ [Nanjing International Group Co]
Página de inicio  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

25SQ030-25A-R-6 Datasheet(HTML) 1 Page - Nanjing International Group Co

  25SQ030-25A-R-6 Datasheet HTML 1Page - Nanjing International Group Co 25SQ030-25A-R-6 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
●
Guard ring for transient protection
●
Low power loss,high efficiency
●
High current capability,low VF
●
High surge capacity
MECHANICAL DATA
●
Case:
R-6 molded plastic
●
Polarity: As marked on the body
●
Mounting position :Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
25SQ
25SQ
25SQ
25SQ
25SQ
25SQ
25SQ
030
035
040
045
050
055
060
Maximum Recurrent Peak Reverse Voltage
VRRM
30
35
40
45
50
55
60
V
Maximum RMS Voltage
VRMS
21
25
28
32
35
39
42
V
Maximum DC Blocking Voltage
VDC
30
35
40
45
50
55
60
V
Maximum Average Forward
Rectified Current ( See Fig.1)
@TC=95 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Peak Forward Voltage at 12.5A DC(Note1)
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Bolcking Voltage
@TJ=125℃
Typical Thermal Resistance(Note2)
RθJc
℃
/W
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
0.55
0.7
-55 to +200
2.ThermalResistanceJunctiontolead/terminalatadistance1mmfromcase.
0.5
-55 to +200
50
I(AV)
A
25
275
A
IFSM
mA
IR
NOTES:1.300us pulse width,2% dudy cycle.
1.8
wheeling,and polarity protection applications
classification 94V-0
●
For use in low voltage,high frequency inverters,free
●
Plastic package has UL flammability
REVERSE VOLTAGE - 30 to 60Volts
FORWARD CURRENT - 25.0 Amperes
CHARACTERISTICS
UNIT
SYMBOL
●
Metal of silicon rectifier , majority carrier conduction
HER608
25SQ030
25SQ060
THRU
SCHOTTKY BARRIER RECTIFIERS
R-6
Dimensions in inches and (millimeters)
0.945(24.0)
MIN.
0.945(24.0)
MIN.
.360(9.1)
.360(9.1)
.340(8.6)
.340(8.6)
.052(1.3)
.04
3(1.1)
DIA.
DIA.
www.dgnjdz.com


Número de pieza similar - 25SQ030-25A-R-6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zibo Seno Electronic En...
25SQ030 ZSELEC-25SQ030 Datasheet
89Kb / 2P
25A SCHOTTKY BARRIER DIODE
More results

Descripción similar - 25SQ030-25A-R-6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com