| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P4SMAFJ30 Datasheet(PDF) 2 Page - Xian Semipower Electronic Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
P4SMAFJ30 Datasheet(HTML) 2 Page - Xian Semipower Electronic Technology Co., Ltd. |
|
2 / 5 page ![]() Characteristics at Ta = 25 °C Type Reverse Stand-off Voltage Breakdown Voltage VRMW VBR @ I T Min Max V V V Test Current Reverse Leakage Max. Clamp Voltage Peak Pulse Current I T mA μA IR @ V RWM VC @ I PP I PP V A Table 1 UNI BI μA UNI BI SMAF Package Device Marking Ccode UNI BI Page 2 of 5 P4SMAFJ5.0 P4SMAFJ5.0A P4SMAFJ6.0 P4SMAFJ6.0A P4SMAFJ6.5 P4SMAFJ6.5A P4SMAFJ7.0 P4SMAFJ7.0A P4SMAFJ7.5 P4SMAFJ7.5A P4SMAFJ8.0 P4SMAFJ8.0A P4SMAFJ8.5 P4SMAFJ8.5A P4SMAFJ9.0 P4SMAFJ9.0A P4SMAFJ10 P4SMAFJ10A P4SMAFJ11 P4SMAFJ11A P4SMAFJ12 P4SMAFJ12A P4SMAFJ13 P4SMAFJ13A P4SMAFJ14 P4SMAFJ14A P4SMAFJ15 P4SMAFJ15A P4SMAFJ16 P4SMAFJ16A P4SMAFJ17 P4SMAFJ17A P4SMAFJ18 P4SMAFJ18A P4SMAFJ20 P4SMAFJ20A P4SMAFJ22 P4SMAFJ22A P4SMAFJ24 P4SMAFJ24A P4SMAFJ26 P4SMAFJ26A P4SMAFJ28 P4SMAFJ28A P4SMAFJ30 P4SMAFJ30A P4SMAFJ33 P4SMAFJ33A P4SMAFJ36 P4SMAFJ36A P4SMAFJ40 P4SMAFJ40A P4SMAFJ43 P4SMAFJ43A P4SMAFJ45 P4SMAFJ5.0C P4SMAFJ5.0CA P4SMAFJ6.0C P4SMAFJ6.0CA P4SMAFJ6.5C P4SMAFJ6.5CA P4SMAFJ7.0C P4SMAFJ7.0CA P4SMAFJ7.5C P4SMAFJ7.5CA P4SMAFJ8.0C P4SMAFJ8.0CA P4SMAFJ8.5C P4SMAFJ8.5CA P4SMAFJ9.0C P4SMAFJ9.0CA P4SMAFJ10C P4SMAFJ10CA P4SMAFJ11C P4SMAFJ11CA P4SMAFJ12C P4SMAFJ12CA P4SMAFJ13C P4SMAFJ13CA P4SMAFJ14C P4SMAFJ14CA P4SMAFJ15C P4SMAFJ15CA P4SMAFJ16C P4SMAFJ16CA P4SMAFJ17C P4SMAFJ17CA P4SMAFJ18C P4SMAFJ18CA P4SMAFJ20C P4SMAFJ20CA P4SMAFJ22C P4SMAFJ22CA P4SMAFJ24C P4SMAFJ24CA P4SMAFJ26C P4SMAFJ26CA P4SMAFJ28C P4SMAFJ28CA P4SMAFJ30C P4SMAFJ30CA P4SMAFJ33C P4SMAFJ33CA P4SMAFJ36C P4SMAFJ36CA P4SMAFJ40C P4SMAFJ40A P4SMAFJ43C P4SMAFJ43CA P4SMAFJ45C 5 5 6 6 6.5 6.5 7 7 7.5 7.5 8 8 8.5 8.5 9 9 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 33 33 36 36 40 40 43 43 45 6.4 6.4 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10 10 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20 20 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40 40 44.4 44.4 47.8 47.8 50 10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1600 1600 1600 1600 1000 1000 400 400 200 200 100 100 20 20 5 5 5 5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 800 800 800 800 500 500 200 200 100 100 50 50 10 10 5 5 5 5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12 14.3 12.9 15 13.6 15.9 14.4 16.9 15.4 18.8 17 20.1 18.2 22 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43 38.9 46.6 42.1 50 45.4 53.5 48.4 59 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 5.0V 5.0A 6.0V 6.0A 6.5V 6.5A 7.0V 7.0A 7.5V 7.5A 8.0V 8.0A 8.5V 8.5A 9.0V 9.0A 10V 10A 11V 11A 12V 12A 13V 13A 14V 14A 15V 15A 16V 16A 17V 17A 18V 18A 20V 20A 22V 22A 24V 24A 26V 26A 28V 28A 30V 30A 33V 33A 36V 36A 40V 40A 43V 43A 45V 5.0C 5.0D 6.0C 6.0D 6.5C 6.5D 7.0C 7.0D 7.5C 7.5D 8.0C 8.0D 8.5C 8.5D 9.0C 9.0D 10C 10D 11C 11D 12C 12D 13C 13D 14C 14D 15C 15D 16C 16D 17C 17D 18C 18D 20C 20D 22C 22D 24C 24D 26C 26D 28C 28D 30C 30D 33C 33D 36C 36D 40C 40D 43C 43D 45C 7.55 7.25 8.45 7.67 9.14 8.3 9.86 8.95 10.67 9.58 11.3 10.23 11.92 10.82 12.6 11.5 14.1 12.8 15.4 14 16.9 15.3 18.2 16.5 19.8 17.9 21.1 19.2 22.6 20.5 23.9 21.7 25.3 23.3 28.1 25.5 30.9 28 33.8 30.7 36.6 33.2 39.4 35.8 42.2 38.3 46.5 42.2 50.7 46 56.3 51.1 60.5 54.9 63.3 41.6 43.5 35.1 38.8 32.5 35.7 30.1 33.3 28 31 26.5 29.4 25.1 27.7 23.6 26 21.2 23.5 20 22 18.1 20.1 16.8 18.6 15.5 17.2 14.8 16.4 13.8 15.3 13.1 14.5 12.4 13.7 11.1 12.3 10.1 11.2 9.3 10.3 8.6 9.5 8 8.8 7.5 8.3 6.8 7.5 6.2 6.9 5.6 6.2 5.2 5.7 5 P4SMAFJ Series Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved. 2016 Rev 1.0 |