| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PC87334VLJ Datasheet(PDF) 53 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87334VLJ Datasheet(HTML) 53 Page - National Semiconductor (TI) |
|
53 / 102 page ![]() 40 FDC Command Set Description (Continued) Command Phase MT MFM 0 0 0 1 0 1 IPS X X X X HD DR1 DR0 Track Number Drive Head Number Sector Number Bytes per Sector End of Track Sector Number Intersector Gap Length Data Length Execution Phase Data is transferred from the system to the controller via DMA or Non-DMA modes and written to the disk Result Phase Status Register 0 Status Register 1 Status Register 2 Track Number Head Number Sector Number Bytes per Sector 4124 Write Deleted Data The Write Deleted Data command receives data from the host and writes logical sectors containing a Deleted Data AM to the selected drive This command is identical to the Write Data command except that a Deleted Data AM is writ- ten to the Data Field instead of a Normal Data AM Command Phase MT MFM 0 0 1 0 0 1 IPS X X X X HD DR1 DR0 Track Number Drive Head Number Sector Number Bytes per Sector End of Track Sector Number Intersector Gap Length Data Length Execution Phase Data is transferred from the system to the controller via DMA or Non-DMA modes and written to the disk Result Phase Status Register 0 Status Register 1 Status Register 2 Track Number Head Number Sector Number Bytes per Sector 53 |