| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EPC100 Datasheet(PDF) 21 Page - Espros Photonics corp |
|
|
|||||||||||||||||||||||||||||
EPC100 Datasheet(HTML) 21 Page - Espros Photonics corp |
|
21 / 29 page ![]() Manual epc10x be optimized to the center of the receiving window. The resolution of TIMESTAMP is 4 bits. Thus, the value is 0000 if the pulse is received at the beginning of the window, and 1111 if it arrived at the end. A light pulse received approx. in the middle of the receive window would be represented as 0011, 0100 or 0101. The minimal scan period TSCANmin, which is the time between two consecutive SCAN commands, is given by the communication on the 2-wire bus: 62 bits for the command and the results have to be transmitted in this time. The minimal scan period is then T SCANmin = 31⋅ TCLK ⋅k k is given by the parameter DRATE and varies between 1 and 8 (refer to Table 1, Table 3 and Table 7). TCLK is 1μs. Thus, the minimal scan period is 31μs for the 2Mbit/s transmission. 5.3 Special Cases • If the same device is addressed again at the end of its reception window, it continues waiting for pulses. This procedure allows to synchronize the receiver with the transmitter on an optical basis, if there is no electrical synchronization. • If a device detects a command during a scan operation which is not the command SCAN, it is put into standby mode. • A SCAN command with address 0 can be used to fetch the results without starting a new scan command. © 2013 ESPROS Photonics Corporation Characteristics subject to change without notice Page 21/29 Manual epc100 - V2.3-DRAFT 130812 www.espros.ch |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |