Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS93X Datasheet(PDF) 14 Page - STMicroelectronics

No. de pieza TS93X
Descripción Electrónicos  Output rail-to-rail micropower operational amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS93X Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS93X Datasheet HTML 9Page - STMicroelectronics TS93X Datasheet HTML 10Page - STMicroelectronics TS93X Datasheet HTML 11Page - STMicroelectronics TS93X Datasheet HTML 12Page - STMicroelectronics TS93X Datasheet HTML 13Page - STMicroelectronics TS93X Datasheet HTML 14Page - STMicroelectronics TS93X Datasheet HTML 15Page - STMicroelectronics TS93X Datasheet HTML 16Page - STMicroelectronics TS93X Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Package information
TS93x, TS93xA, TS93xB
14/17
Doc ID 6911 Rev 5
3.4
SOT23-5 package information
Figure 24.
SOT23-5 package outline
Table 9.
SOT23-5 package mechanical data
Symbol
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.20
1.45
0.035
0.047
0.057
A1
0.15
0.006
A2
0.90
1.05
1.30
0.035
0.041
0.051
B
0.35
0.40
0.50
0.013
0.015
0.019
C
0.09
0.15
0.20
0.003
0.006
0.008
D
2.80
2.90
3.00
0.110
0.114
0.118
D1
1.90
0.075
e
0.95
0.037
E
2.60
2.80
3.00
0.102
0.110
0.118
F
1.50
1.60
1.75
0.059
0.063
0.069
L
0.10
0.35
0.60
0.004
0.013
0.023
K
0 degrees
10 degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17