| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MAS3587F Datasheet(PDF) 29 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MAS3587F Datasheet(HTML) 29 Page - Micronas |
|
29 / 82 page ![]() ADVANCE INFORMATION MAS 3587F Micronas 29 3.3.1.9. Short Write D0 Memory (Code E4hex) For faster access only the lower 16 bits of each memory cell are accessed. The 4 MSBs of the cell are cleared. 3.3.1.10. Write D1 Memory (Code Fhex) For further details, see the Write D0 Memory command. 3.3.1.11. Short Write D1 Memory (Code F4hex) Only the 16 lower bits of each memory cell are written, the upper 4 bits are cleared. S DW A W $68 A W e,4 A 0,0 A W n3,n2 A n1,n0 A W d3,d2 A d1,d0 A W ...repeat for n data values... d3,d2 A d1,d0 A W P a3,a2 A a1,a0 A W S DW A W $68 A W f,0 A 0,0 A W n3,n2 A n1,n0 A W d3,d2 A d1,d0 A W ...repeat for n data values... 0,0 A 0,d4 A W d3,d2 A d1,d0 A W P 0,0 A 0,d4 A W a3,a2 A a1,a0 A W S DW A W $68 A W f,4 A 0,0 A W n3,n2 A n1,n0 A W d3,d2 A d1,d0 A W ...repeat for n data values... d3,d2 A d1,d0 A W P a3,a2 A a1,a0 A W |