| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
12F508 Datasheet(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
12F508 Datasheet(HTML) 41 Page - Microchip Technology |
|
41 / 98 page ![]() 2004 Microchip Technology Inc. Preliminary DS41236A-page 39 PIC12F508/509/16F505 7.0 SPECIAL FEATURES OF THE CPU What sets a microcontroller apart from other proces- sors are special circuits that deal with the needs of real- time applications. The PIC12F508/509/16F505 microcontrollers have a host of such features intended to maximize system reliability, minimize cost through elimination of external components, provide power- saving operating modes and offer code protection. These features are: • Oscillator Selection • Reset: - Power-on Reset (POR) - Device Reset Timer (DRT) - Wake-up from Sleep on Pin Change • Watchdog Timer (WDT) • Sleep • Code Protection • ID Locations • In-Circuit Serial Programming™ •Clock Out The PIC12F508/509/16F505 devices have a Watchdog Timer, which can be shut off only through configuration bit WDTE. It runs off of its own RC oscillator for added reliability. If using HS (PIC16F505), XT or LP selectable oscillator options, there is always an 18 ms (nominal) delay provided by the Device Reset Timer (DRT), intended to keep the chip in Reset until the crystal oscillator is stable. If using INTRC or EXTRC, there is an 18 ms delay only on VDD power-up. With this timer on-chip, most applications need no external Reset circuitry. The Sleep mode is designed to offer a very low current Power-down mode. The user can wake-up from Sleep through a change on input pins or through a Watchdog Timer time-out. Several oscillator options are also made available to allow the part to fit the application, including an internal 4 MHz oscillator. The EXTRC oscillator option saves system cost while the LP crystal option saves power. A set of configuration bits are used to select various options. 7.1 Configuration Bits The PIC12F508/509/16F505 Configuration Words consist of 12 bits. Configuration bits can be programmed to select various device configurations. Three bits are for the selection of the oscillator type; (two bits on the PIC12F508/509), one bit is the Watchdog Timer enable bit, one bit is the MCLR enable bit and one bit is for code protection (Register 7-1, Register 7-2). REGISTER 7-1: CONFIGURATION WORD FOR PIC12F508/509(1) — — — — — — — MCLRE CP WDTE FOSC1 FOSC0 bit 11 bit 0 bit 11-5 Unimplemented: Read as ‘0’ bit 4 MCLRE: GP3/MCLR Pin Function Select bit 1 = GP3/MCLR pin function is MCLR 0 = GP3/MCLR pin function is digital I/O, MCLR internally tied to VDD bit 3 CP: Code Protection bit 1 = Code protection off 0 = Code protection on bit 2 WDTE: Watchdog Timer Enable bit 1 = WDT enabled 0 = WDT disabled bit 1-0 FOSC<1:0>: Oscillator Selection bits 11 = EXTRC = external selection bits 10 = INTRC = internal RC oscillator 01 = XT oscillator 00 = LP oscillator Note 1: Refer to the “PIC12F508/509 Memory Programming Specifications” (DS41227) to determine how to access the Configuration Word. The Configuration Word is not user addressable during device operation. Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = bit is set ‘0’ = bit is cleared x = bit is unknown |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |