Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA12T/FP Datasheet(PDF) 5 Page - Rohm

No. de pieza BA12T/FP
Descripción Electrónicos  Low saturation voltage type 3-pin regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA12T/FP Datasheet(HTML) 5 Page - Rohm

  BA12T/FP Datasheet HTML 1Page - Rohm BA12T/FP Datasheet HTML 2Page - Rohm BA12T/FP Datasheet HTML 3Page - Rohm BA12T/FP Datasheet HTML 4Page - Rohm BA12T/FP Datasheet HTML 5Page - Rohm BA12T/FP Datasheet HTML 6Page - Rohm BA12T/FP Datasheet HTML 7Page - Rohm BA12T/FP Datasheet HTML 8Page - Rohm BA12T/FP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
31
Standard ICs
BA
ffT / FP series
BA09T / FP (unless otherwise noted, Ta = 25
_C, VCC = 14V, Io = 500mA) (under development)
BA10T / FP (unless otherwise noted, Ta = 25
_C, VCC = 15V, Io = 500mA)
BA12T / FP (unless otherwise noted, Ta = 25
_C, VCC = 17V, Io = 500mA)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com