| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLE4471 Datasheet(PDF) 8 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4471 Datasheet(HTML) 8 Page - Infineon Technologies AG |
|
8 / 26 page ![]() TLE 4471 Data Sheet Rev. 1.1 8 2001-09-06 Note: In the operating range, the functions given in the circuit description are fulfilled. Operating Range Parameter Symbol Limit Values Unit Notes min. max. Input voltage V I 5.5 40 V – Junction temperature T j – 40 150 °C – Shutdown voltage threshold V shut – 44 V – |