Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M48T254V Datasheet(PDF) 21 Page - STMicroelectronics

No. de pieza M48T254V
Descripción Electrónicos  CLOCK FUNCTION IS TRANSPARENT TO RAM OPERATION.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T254V Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M48T254V Datasheet HTML 16Page - STMicroelectronics M48T254V Datasheet HTML 17Page - STMicroelectronics M48T254V Datasheet HTML 18Page - STMicroelectronics M48T254V Datasheet HTML 19Page - STMicroelectronics M48T254V Datasheet HTML 20Page - STMicroelectronics M48T254V Datasheet HTML 21Page - STMicroelectronics M48T254V Datasheet HTML 22Page - STMicroelectronics M48T254V Datasheet HTML 23Page - STMicroelectronics M48T254V Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21/24
M48T254V
Table 12. PBGA-ZA – 168-ball Plastic Ball Grid Array Package Mechanical Data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
2.94
2.74
3.14
0.116
0.108
0.124
A1
0.89
0.69
1.09
0.035
0.027
0.043
A2
11.53
11.18
11.88
0.454
0.440
0.468
A3
7.24
8.00
0.285
0.315
B
38.54
38.34
38.74
1.517
1.509
1.525
B1
21.21
21.84
0.835
0.860
b
0.76
0.71
0.81
0.030
0.028
0.032
D
42.50
42.30
42.70
1.673
1.665
1.681
D1
27.94
1.100
E
42.50
42.30
42.70
1.673
1.665
1.681
E1
22.86
0.900
e
1.27
0.050
FD
7.28
7.18
7.38
0.287
0.283
0.291
FE
9.82
9.72
9.92
0.387
0.383
0.391
GD
1.75
1.55
1.95
0.069
0.061
0.077
GE
1.50
1.30
1.70
0.059
0.051
0.067
HD
1.98
1.78
2.18
0.078
0.070
0.086
HE
0.51
0.31
0.71
0.020
0.012
0.028
JE
1.50
1.30
1.70
0.059
0.051
0.067
n
168
168
Tolerance
Tolerance
ddd
0.15
0.006
eee
0.30
0.012
fff
0.15
0.006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24