Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RH56D-PCI Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

No. de pieza RH56D-PCI
Descripción Electrónicos  MODEM DEVICE FAMILY FOR DESKTOP APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

RH56D-PCI Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RH56D-PCI Datasheet HTML 5Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 6Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 7Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 8Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 9Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 10Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 11Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 12Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
RH56D-PCI Modem Designer’s Guide
1213
Conexant
1-3
Conexant Proprietary Information
1.2 FEATURES
• Data modem
ITU-T V.90, K56flex, V.34 (33.6 kbps), V.32 bis, V.32, V.22 bis, V.22, V.23, and V.21; Bell 212A and 103
V.42 LAPM and MNP 2-4 error correction
V.42 bis and MNP 5 data compression
V.250 (ex V.25 ter) and V.251 (ex V.25 ter Annex A) commands
Fax modem send and receive rates up to 14.4 kbps ITU-T V.17, V.29, V.27 ter, and V.21 channel 2
EIA/TIA 578 Class 1 and T.31 Class 1.0 commands
• Voice, telephony, TAM
V.253 commands
8-bit µ-Law/A-Law coding (G.711)
8-bit/16-bit linear coding
8000/7200 Hz sample rate
Music on hold from host or analog hardware input
TAM support with concurrent DTMF detect, ring detect and caller ID
• V.80 synchronous access mode supports host-controlled communication protocols
H.324 interface support
• V.8/V.8bis and V.251 (ex V.25 ter Annex A) commands
• Full-duplex Speakerphone (FDSP) Mode (SP model)
Telephone handset interface
External microphone and speaker interface
Microphone gain and muting
Speaker volume control and muting
Adaptive acoustic, line, and handset echo cancellation
Loop gain control, transmit and receive path AGC
• Data/Fax/Voice call discrimination
• Multiple country support
Call progress, blacklisting
• Single profile stored in host
• Modem and audio paths concurrent across PCI Bus
• System compatibilities
Windows 95, Windows 95 OSR2, Windows 98, Windows NT 4.0, Windows NT 5.0 operating systems
Microsoft's PC 98 Design Initiative compliant
Unimodem/V compliant
Pentium 133 MHz equivalent or greater
16 Mbyte RAM or more
• 32-bit PCI Local Bus interface
Conforms to the PCI Local Bus Specification, Production Version, Revision 2.1
PCI Bus Mastering interface to the MDP
33 MHz PCI clock support
• Supports PCI Bus Power Management
Conforms to PCI Bus Power Management Specification, Rev. 1.1
ACPI Power Management Registers
APM support
PME# support
• Device package
R6795 Modem: 144-pin TQFP (1.6 mm max. height)
• +3.3V operation with +5V tolerant digital inputs
• +5V or +3.3V analog operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com