Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PS-12G Datasheet(PDF) 2 Page - C&K Components

No. de pieza PS-12G
Descripción Electrónicos  Latching pushbutton
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CK-COMPONENTS [C&K Components]
Página de inicio  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PS-12G Datasheet(HTML) 2 Page - C&K Components

  PS-12G Datasheet HTML 1Page - C&K Components PS-12G Datasheet HTML 2Page - C&K Components PS-12G Datasheet HTML 3Page - C&K Components PS-12G Datasheet HTML 4Page - C&K Components PS-12G Datasheet HTML 5Page - C&K Components PS-12G Datasheet HTML 6Page - C&K Components PS-12G Datasheet HTML 7Page - C&K Components PS-12G Datasheet HTML 8Page - C&K Components PS-12G Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
A-136
Dimensions are
shown: mm
Specifications and dimensions subject to
change
www.ck-components.com
A
PS-12G Series
Pushbutton Switches
TYCO .062 Commercial Pin
and Socket Connector
PT# 770983-1
Dimensions
FOOTPRINT: 14 X 16.8 mm
HEIGHT: 18.3 mm
Specifications
CONTACT RATING: 2.2A @ 14.5 VDC
INITIAL CONTACT RESISTANCE: 50 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 20,000 cycles with load
OPERATING FORCE: 650 ± 300 gf
OPERATING POSITION: 4.00 ± 0.2 mm
TOTAL TRAVEL: 4.5 ± 0.3 mm
OPERATING TEMPERATURE: -40˚C to 85˚C
Materials
KNOB: POM (UL 94HB)
HOUSING: PBT & PA (UL 94V-0)
COVER: PBT (UL 94V-0)
ROTOR: PBT (UL 94V-0)
SLIDER: POM (UL 94HB)
TERMINAL: Brass, silver plated
SPRING: Stainless steel
CONTACT: Phospher bronze, silver plated
200 pieces
PS-12G03
SCHEMATIC
PACKAGING
PART NUMBER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com