| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STMPE812A Datasheet(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE812A Datasheet(HTML) 38 Page - STMicroelectronics |
|
38 / 53 page ![]() Touchscreen controller STMPE812A 38/53 Doc ID 18225 Rev 4 Data Valid Status Byte Structure Data Valid Status Read in data port is useful together with Pen Down mode whereby accessing the ISR is not needed so as to achieve the best I2C bandwidth efficiency (i.e. minimal I2C transactions). Note: Reading the Data valid Status byte also clears the ISR. Table 13. Touchscreen controller data register TSCDetectConfig2 Number of bytes to read from TSCData Byte0 Byte1 Byte2 Byte3 Byte4 OpMode StatusRead 0 0 4 [11:4] of X [3:0] of X [11:8] of Y [7:0] of Y [7:0] of Z 1 0 3 [11:4] of X [3:0] of X [11:8] of Y [7:0] of Y - 01 5 Data Valid Status [11:4] of X [3:0] of X [11:8] of Y [7:0] of Y [7:0] of Z 11 4 Data Valid Status [11:4] of X [3:0] of X [11:8] of Y [7:0] of Y - 76543 2 1 0 RESERVED DATA VALID RESERVED [7:2] RESERVED [1] DATA VALID 1: Touch data available/valid 0: Touch data not available/not valid Bit reset upon read [0] RESERVED |