| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DPPM Datasheet(PDF) 2 Page - Cornell Dubilier Electronics |
|
|
|||||||||||||||||||||||||||||
DPPM Datasheet(HTML) 2 Page - Cornell Dubilier Electronics |
|
2 / 3 page ![]() CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02740•Phone: (508)996-8561•Fax: (508)996-3830 www.cde.com Type DPPM Polypropylene Film Capacitors Ratings RoHS Compliant Cap. Catalog T H L S d dV/dt mF Part Number Inches (mm) Inches (mm) Inches (mm) Inches (mm) Inches (mm) V/μs 1200 Vdc (475 Vac) .0010 DPPM12D1K-F 0.256 (6.5) 0.452 (11.5) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 2100 .0012 DPPM12D12K-F 0.256 (6.5) 0.452 (11.5) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 2100 .0015 DPPM12D15K-F 0.256 (6.5) 0.452 (11.5) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 2100 .0018 DPPM12D18K-F 0.275 (7.0) 0.472 (12.0) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 2100 .0022 DPPM12D22K-F 0.275 (7.0) 0.492 (12.5) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 2100 .0027 DPPM12D27K-F 0.275 (7.0) 0.492 (12.5) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 2100 .0033 DPPM12D33K-F 0.295 (7.5) 0.511 (13.0) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 2100 .0039 DPPM12D39K-F 0.295 (7.5) 0.531 (13.5) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 2100 .0047 DPPM12D47K-F 0.314 (8.0) 0.551 (14.0) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 2100 .0056 DPPM12D56K-F 0.334 (8.5) 0.570 (14.5) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 2100 .0068 DPPM12D68K-F 0.314 (8.0) 0.590 (15.0) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 1500 .0082 DPPM12D82K-F 0.334 (8.5) 0.610 (15.5) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 1500 .010 DPPM12S1K-F 0.354 (9.0) 0.629 (16.0) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 1500 .012 DPPM12S12K-F 0.374 (9.5) 0.669 (17.0) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 1500 .015 DPPM12S15K-F 0.413 (10.5) 0.708 (18.0) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 1500 .018 DPPM12S18K-F 0.433 (11.0) 0.748 (19.0) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 1500 .022 DPPM12S22K-F 0.472 (12.0) 0.787 (20.0) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 1500 .027 DPPM12S27K-F 0.511 (13.0) 0.826 (21.0) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 1500 .033 DPPM12S33K-F 0.551 (14.0) 0.866 (22.0) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 1500 1600 Vdc (500 Vac) .0010 DPPM16D1K-F 0.256 (6.5) 0.452 (11.5) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 3700 .0012 DPPM16D12K-F 0.256 (6.5) 0.452 (11.5) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 3700 .0015 DPPM16D15K-F 0.275 (7.0) 0.492 (12.5) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 3700 .0018 DPPM16D18K-F 0.295 (7.5) 0.531 (13.5) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 3700 .0022 DPPM16D22K-F 0.314 (8.0) 0.590 (15.0) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 3700 .0027 DPPM16D27K-F 0.334 (8.5) 0.610 (15.5) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 3700 .0033 DPPM16D33K-F 0.374 (9.5) 0.649 (16.5) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 3700 .0039 DPPM16D39K-F 0.393 (10.0) 0.688 (17.5) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 3700 .0047 DPPM16D47K-F 0.413 (10.5) 0.748 (19.0) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 3700 .0056 DPPM16D56K-F 0.393 (10.0) 0.708 (18.0) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 2800 .0068 DPPM16D68K-F 0.413 (10.5) 0.748 (19.0) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 2800 .0082 DPPM16D82K-F 0.433 (11.0) 0.787 (20.0) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 2800 .010 DPPM16S1K-F 0.472 (12.0) 0.866 (22.0) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 2800 .012 DPPM16S12K-F 0.531 (13.5) 0.905 (23.0) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 2800 .015 DPPM16S15K-F 0.590 (15.0) 0.964 (24.5) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 2800 .018 DPPM16S18K-F 0.649 (16.5) 1.023 (26.0) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 2800 .022 DPPM16S22K-F 0.708 (18.0) 1.082 (27.5) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 2800 2000 Vdc (500 Vac) .0010 DPPM20D1K-F 0.275 (7.0) 0.492 (12.5) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 3900 .0012 DPPM20D12K-F 0.295 (7.5) 0.511 (13.0) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 3900 .0015 DPPM20D15K-F 0.314 (8.0) 0.551 (14.0) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 3900 .0018 DPPM20D18K-F 0.334 (8.5) 0.610 (15.5) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 3900 .0022 DPPM20D22K-F 0.354 (9.0) 0.629 (16.0) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 3900 .0027 DPPM20D27K-F 0.374 (9.5) 0.649 (16.5) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 3900 .0033 DPPM20D33K-F 0.413 (10.5) 0.688 (17.5) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 3900 .0039 DPPM20D39K-F 0.433 (11.0) 0.748 (19.0) 0.984 (25.0) 0.826 (21.0) 0.032 (0.8) 3900 .0047 DPPM20D47K-F 0.393 (10.0) 0.748 (19.0) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 2900 .0056 DPPM20D56K-F 0.433 (11.0) 0.767 (19.5) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 2900 .0068 DPPM20D68K-F 0.472 (12.0) 0.807 (20.5) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 2900 .0082 DPPM20D82K-F 0.511 (13.0) 0.846 (21.5) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 2900 .010 DPPM20S1K-F 0.551 (14.0) 0.866 (22.0) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 2900 .012 DPPM20S12K-F 0.570 (14.5) 0.925 (23.5) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 2900 .015 DPPM20S15K-F 0.629 (16.0) 0.964 (24.5) 1.220 (31.0) 1.043 (26.5) 0.032 (0.8) 2900 |