| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS3935 Datasheet(PDF) 18 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3935 Datasheet(HTML) 18 Page - ams AG |
|
18 / 28 page ![]() www.austriamicrosystems.com Revision 1.2 17 - 27 AS3935 Datasheet - Detailed Descri p ti on 8.5.1 I²C Byte Write The transmission begins with a START condition (S), which consists of a high-to-low transition of the I2CD bus when I2CL is high. The START condition is followed by the Device Write mode (DW), word address (WA: register address to write into) and the register data (reg_dat). Until the stop condition (P) the word address is automatically incremented at any register data. Figure 17. I²C Byte Write Figure 18. I²C Page Write Symbol Description S START condition after STOP Sr Repeated START DW Device Address for write DR Device Address for read WA Word address A Acknowledge N No acknowledge P STOP condition WA++ Internal address increment S DW A WA A reg_data P A Slave (AS3935) as receiver Slave (AS3935) as transmitter S DW A WA A reg_data 1 P A reg_data A reg_data A reg_data 2 A …. A reg_data n AA A WA++ WA++ WA++ Slave (AS3935) as receiver Slave (AS3935) as transmitter |