Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AS6C8008A Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

No. de pieza AS6C8008A
Descripción Electrónicos  Power Supply Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALSC [Alliance Semiconductor Corporation]
Página de inicio  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C8008A Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS6C8008A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C8008A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C8008A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C8008A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C8008A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C8008A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C8008A Datasheet HTML 9Page - Alliance Semiconductor Corporation AS6C8008A Datasheet HTML 10Page - Alliance Semiconductor Corporation AS6C8008A Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AS6C8008A Family
Low Power, 1Mx8 SRAM
Alliance Memory, Inc., 551 Taylor Way, Suite #1, San Carlos, CA 94070, USA
Tel: +1 650 610 6800 Fax: +1 650 620 9211
Page 7 of 13
DC AND OPERATING CHARACTERISTICS
Parameter
Symbol
Test Conditions
Min Typ Max Unit
Input leakage current
ILI
VIN=VSS to VCC
-1
-
1
µA
Output leakage
current
ILO
-1
-
1
µA
CS1=VIH or CS2=VIL or OE=VIH or WE=VIL , VIO=VSS to
VCC
Operating power
supply
ICC
IIO=0mA
,
-
-
2
mA
CS1=VIL, CS2=WE=VIH, VIN=VIH or
VIL
ICC1
Cycle time=1 s, 100% duty, IIO=0mA,
-
-
4
mA
CS1<0.2V, CS2>VCC-0.2V, VIN<0.2V or VIN>VCC-
0.2V
Average operating
45ns
-
-
45
current
Cycle time = Min, IIO=0mA, 100% duty,
ICC2
55ns
-
-
35
mA
CS1=VIL, CS2=VIH, VIN=VIL or VIH
70ns
-
-
25
Output low voltage
VOL
IOL = 2.1mA
-
-
0.4
V
Output high voltage
VOH
IOH = -1.0mA
2.4
-
-
V
Standby Current (TTL)
ISB
-
-
0.5
mA
CS1=VIH, CS2=VIL, Other inputs=VIH or VIL
CS1
>VCC-0.2V, CS2>VCC-
0.2V
(CS
1
controlled)
or 0V<CS2<0.2V (CS2 controlled),
Standby Current
(CMOS)
ISB1 Other inputs = 0~V
CC
@ 25
oC)
LF
-
2 1)
15
µA
(Typ. condition :
VCC=3.3V
(Max. condition : VCC=3.6V @ 85
oC)
1. Typical values are measured at Vcc=3.3V, TA=25
oC and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com