Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DEMO-MGA-68XP8 Datasheet(PDF) 1 Page - Broadcom Corporation.

No. de pieza DEMO-MGA-68XP8
Descripción Electrónicos  Low Noise And High Linearity Active Bias Low Noise Amplifi er
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOARDCOM [Broadcom Corporation.]
Página de inicio  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-68XP8 Datasheet(HTML) 1 Page - Broadcom Corporation.

  DEMO-MGA-68XP8 Datasheet HTML 1Page - Broadcom Corporation. DEMO-MGA-68XP8 Datasheet HTML 2Page - Broadcom Corporation. DEMO-MGA-68XP8 Datasheet HTML 3Page - Broadcom Corporation. DEMO-MGA-68XP8 Datasheet HTML 4Page - Broadcom Corporation. DEMO-MGA-68XP8 Datasheet HTML 5Page - Broadcom Corporation. DEMO-MGA-68XP8 Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA-68XP8 Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-68XP8 Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-68XP8 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MGA-683P8
Low Noise And High Linearity Active Bias
Low Noise Amplifier
Data Sheet
Attention: Observe precautions for
handling electrostatic sensitive devices.
ESD Machine Model = 90 V (Class A)
ESD Human Body Model = 500 V (Class 1B)
Refer to Avago Application Note A004R:
Electrostatic Discharge, Damage and Control.
Description
Avago Technologies’ MGA-683P8 is an economical, easy-
to-use GaAs MMIC Low Noise Amplifier (LNA). The LNA
has low noise and high linearity achieved through the
use of Avago Technologies’ proprietary 0.25
m GaAs
Enhancement-mode pHEMT process. It is housed in a
miniature 2.0 x 2.0 x 0.75 mm3 8-pin Quad-Flat-Non-Lead
(QFN) package. It is designed for optimum use from 450
MHz up to 2 GHz. The compact footprint and low profile
coupled with low noise, high gain and high linearity make
the MGA-683P8 an ideal choice as a low noise amplifier for
cellular infrastructure for GSM and CDMA. For optimum
performance at higher frequency from 1.5 GHz to 4 GHz,
the MGA-684P8 is recommended. Both MGA-683P8 and
MGA-684P8 share the same package and pinout.
Pin Configuration and Package Marking
2.0 x 2.0 x 0.75 mm3 8-lead QFN
Features
 Low noise Figure
 High linearity performance
 GaAs E-pHEMT Technology[1]
 Low cost small package size: 2.0 x 2.0 x 0.75 mm3
 Excellent uniformity in product specifications
 Tape-and-Reel packaging option available
Specifications
900 MHz; 5 V, 40 mA
 17.8 dB Gain
 0.56 dB Noise Figure
 More than 20 dB Input Return Loss
 32.8 dBm Output IP3
 21.5 dBm Output Power at 1dB gain compression
Applications
 Low noise amplifier for cellular infrastructure for GSM
and CDMA.
 Other low noise application.
 Repeater, Metrocell/Picocell application.
Simplified Schematic
Pin 1 – Vbias
Pin 5 – Not Used
Pin 2 – RFinput
Pin 6 – Not Used
Pin 3 – Not Used
Pin 7 – RFoutput/Vdd
Pin 4 – Not Used
Pin 8 – Not Used
Centre tab - Ground
Top View
Bottom View
[2]
[1]
[3]
[4]
[7]
[8]
[6]
[5]
83X
[2]
[1]
[3]
[4]
[7]
[8]
[6]
[5]
Note:
 The schematic is shown with the assumption that similar PCB is used
for both MGA-683P8 and MGA-684P8.
 Detail of the components needed for this product is shown inTable 1.
 Enhancement mode technology employs positive gate voltage,
thereby eliminating the need of negative gate voltage associated
with conventional depletion mode devices.
 Good RF practice requires all unused pins to be earthed.
Rbias
C6
C3
C2
R2
L2
R1
L1
C1
C4
L3
RFin
RFout
Vdd
[1]
[2]
[3]
[4]
[8]
[7]
[6]
[5]
C5
Note:
Package marking provides orientation and identification
“83” = Device Code
“X” = Month Code


Número de pieza similar - DEMO-MGA-68XP8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
DEMO-MGA-685T6 BOARDCOM-DEMO-MGA-685T6 Datasheet
790Kb / 19P
Current-Adjustable, Low Noise Amplifier
More results

Descripción similar - DEMO-MGA-68XP8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
MGA-633P8 AVAGO-MGA-633P8 Datasheet
188Kb / 14P
Ultra Low Noise, High Linearity Active Bias Low Noise Amplifi er
MGA-683P8 AVAGO-MGA-683P8 Datasheet
143Kb / 11P
Low Noise And High Linearity Active Bias Low Noise Amplifi er
MGA-637P8 AVAGO-MGA-637P8 Datasheet
161Kb / 14P
High Linearity Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8 Datasheet
163Kb / 14P
High Linearity Low Noise Amplifi er
MGA-684P8 AVAGO-MGA-684P8 Datasheet
136Kb / 10P
Low Noise Active Bias Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8_15 Datasheet
163Kb / 14P
High Linearity Low Noise Amplifi er
MGA-684P8 AVAGO-MGA-684P8_15 Datasheet
136Kb / 10P
Low Noise Active Bias Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-638P8 BOARDCOM-MGA-638P8 Datasheet
163Kb / 14P
High Linearity Low Noise Amplifi er
MGA-683P8 BOARDCOM-MGA-683P8 Datasheet
143Kb / 11P
Low Noise And High Linearity Active Bias Low Noise Amplifi er
MGA-684P8 BOARDCOM-MGA-684P8 Datasheet
136Kb / 10P
Low Noise Active Bias Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com