| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DEV-07914 Datasheet(PDF) 8 Page - SparkFun Electronics |
|
|
|||||||||||||||||||||||||||||
DEV-07914 Datasheet(HTML) 8 Page - SparkFun Electronics |
|
8 / 9 page ![]() int ledPin = 13; int buttonPin = 2; int buttonState = LOW; int oldButtonState = HIGH; char serInput; void setup() { pinMode(ledPin, OUTPUT); pinMode(buttonPin, INPUT); digitalWrite(ledPin, HIGH); Serial.begin(115200); } void loop() { buttonState = digitalRead(buttonPin); if (Serial.available() > 0) { serInput = Serial.read(); Serial.println("Miny, Moe."); } if (buttonState != oldButtonState) { if (buttonState == HIGH) { digitalWrite(ledPin, HIGH); Serial.print("Meeny, "); } else { digitalWrite(ledPin, LOW); Serial.print("Eeny, "); } } oldButtonState = buttonState; } This example will actually work with both the standard USB serial connection, or a BlueSMiRF. Give it a try! Note that the baud rate is set to 115200 bps, this is the default baud rate of the BlueSMiRF. Pressing the button will turn the LED off and |