Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZLP32300 Datasheet(PDF) 67 Page - Zilog, Inc.

No. de pieza ZLP32300
Descripción Electrónicos  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZILOG [Zilog, Inc.]
Página de inicio  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 67 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 63Page - Zilog, Inc. ZLP32300 Datasheet HTML 64Page - Zilog, Inc. ZLP32300 Datasheet HTML 65Page - Zilog, Inc. ZLP32300 Datasheet HTML 66Page - Zilog, Inc. ZLP32300 Datasheet HTML 67Page - Zilog, Inc. ZLP32300 Datasheet HTML 68Page - Zilog, Inc. ZLP32300 Datasheet HTML 69Page - Zilog, Inc. ZLP32300 Datasheet HTML 70Page - Zilog, Inc. ZLP32300 Datasheet HTML 71Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Functional Description
63
CTR3(0D)03H
Figure 40. T8/T16 Control Register (0D)03H: Read/Write (Except Where Noted)
If Sync Mode is enabled, the first pulse of T8 carrier is always synchronized with T16
(demodulated signal). It can always provide a full carrier pulse.
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
No effect when written
Always reads 11111
Sync Mode
0* Disable Sync Mode**
1 Enable Sync Mode
T8 Enable
R 0* T8 Disabled
R 1 T8 Enabled
W0 Stop T8
W1 Enable T8
T16 Enable
R 0* T16 Disabled
R 1 T16 Enabled
W 0 Stop T16
W 1 Enable T16
*Default setting after reset.
**Default setting after reset. Not reset with a Stop Mode
Recovery.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99