| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F779IGH7 Datasheet(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F779IGH7 Datasheet(HTML) 74 Page - STMicroelectronics |
|
74 / 255 page ![]() Pinouts and pin description STM32F777xx STM32F778Ax STM32F779xx 74/255 DocID028294 Rev 4 47 70 R13 80 91 R13 L5 80 91 R13 PB11 I/O FT - TIM2_CH4, I2C2_SDA, DFSDM1_CKIN7, USART3_RX, OTG_HS_ULPI_D4, ETH_MII_TX_EN/ETH_RM II_TX_EN, DSI_TE, LCD_G5, EVENTOUT - 48 71 M10 81 92 L11 P5 81 92 L11 VCAP_1 S - - - - 49 - - - 93 K9 N5 - 93 K9 VSS S - - - - 50 72 N10 82 94 L10 P4 82 94 L10 VDD S - - - - -- - - 95 M1 4 NC - 95 M1 4 PJ5 I/O FT - LCD_R6, EVENTOUT - - - M11 83 96 P13 NC 83 96 P13 PH6 I/O FT - I2C2_SMBA, SPI5_SCK, TIM12_CH1, ETH_MII_RXD2, FMC_SDNE1, DCMI_D8, EVENTOUT - - - N12 84 97 N13 NC 84 97 N13 PH7 I/O FT - I2C3_SCL, SPI5_MISO, ETH_MII_RXD3, FMC_SDCKE1, DCMI_D9, EVENTOUT - - - M12 85 98 P14 M5 - 98 P14 PH8 I/O FT - I2C3_SDA, FMC_D16, DCMI_HSYNC, LCD_R2, EVENTOUT - - - M13 86 99 N14 K4 - 99 N14 PH9 I/O FT - I2C3_SMBA, TIM12_CH2, FMC_D17, DCMI_D0, LCD_R3, EVENTOUT - - - L13 87 100 P15 L4 - 100 P15 PH10 I/O FT - TIM5_CH1, I2C4_SMBA, FMC_D18, DCMI_D1, LCD_R4, EVENTOUT - - - L12 88 101 N15 M4 - 101 N15 PH11 I/O FT - TIM5_CH2, I2C4_SCL, FMC_D19, DCMI_D2, LCD_R5, EVENTOUT - Table 10. STM32F777xx, STM32F778Ax and STM32F779xx pin and ball definitions (continued) Pin Number Alternate functions Additional functions STM32F777xx STM32F778Ax STM32F779xx |