| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F732ICK7 Datasheet(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F732ICK7 Datasheet(HTML) 64 Page - STMicroelectronics |
|
64 / 122 page ![]() 27 36 48 M6 58 K6 M6 J5 48 58 PB2 I/O FT - SAI1_SD_A, SPI3_MOSI/I2S3_SD, QUADSPI_CLK, EVENTOUT - - - 49 R6 59 - R6 M5 49 59 PF11 I/O FT - SPI5_MOSI, SAI2_SD_B, FMC_SDNRAS, EVENTOUT - - - 50 P6 60 - P6 L5 50 60 PF12 I/O FT - FMC_A6, EVENTOUT - - - 51 M8 61 - M8 - 51 61 VSS S - - - - - - 52 N8 62 - N8 G5 52 62 VDD S - - - - - - 53 N6 63 - N6 K5 53 63 PF13 I/O FT - FMC_A7, EVENTOUT - - - 54 R7 64 - R7 M6 54 64 PF14 I/O FT - FMC_A8, EVENTOUT - - - 55 P7 65 - P7 L6 55 65 PF15 I/O FT - FMC_A9, EVENTOUT - - - 56 N7 66 - N7 K6 56 66 PG0 I/O FT - FMC_A10, EVENTOUT - - - 57 M7 67 - M7 J6 57 67 PG1 I/O FT - FMC_A11, EVENTOUT - - 37 58 R8 68 J5 R8 M7 58 68 PE7 I/O FT - TIM1_ETR, UART7_Rx, QUADSPI_BK2_IO0, FMC_D4, EVENTOUT - - 38 59 P8 69H5 P8 L759 69 PE8 I/O FT - TIM1_CH1N, UART7_Tx, QUADSPI_BK2_IO1, FMC_D5, EVENTOUT - Table 10. STM32F732xx and STM32F733xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F732xx STM32F733xx |