| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F769I Datasheet(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F769I Datasheet(HTML) 76 Page - STMicroelectronics |
|
76 / 255 page ![]() Pinouts and pin description STM32F765xx STM32F767xx STM32F768Ax STM32F769xx 76/255 DocID029041 Rev 4 55 77 P15 96 108 L15 M3 89 108 L15 PD8 I/O FT - DFSDM1_CKIN3, USART3_TX, SPDIF_RX1, FMC_D13, EVENTOUT - 56 78 P14 97 109 L14 L3 90 109 L14 PD9 I/O FT - DFSDM1_DATIN3, USART3_RX, FMC_D14, EVENTOUT - 57 79 N15 98 110 K15 M2 91 110 K15 PD10 I/O FT - DFSDM1_CKOUT, USART3_CK, FMC_D15, LCD_B3, EVENTOUT - 58 80 N14 99 111 N10 K3 92 111 N10 PD11 I/O FT - I2C4_SMBA, USART3_CTS, QUADSPI_BK1_IO0, SAI2_SD_A, FMC_A16/FMC_CLE, EVENTOUT - 59 81 N13 100 112 M1 0 J4 93 112 M1 0 PD12 I/O FT - TIM4_CH1, LPTIM1_IN1, I2C4_SCL, USART3_RTS, QUADSPI_BK1_IO1, SAI2_FS_A, FMC_A17/FMC_ALE, EVENTOUT - 60 82 M15 101 113 M11 L2 94 113 M11 PD13 I/O FT - TIM4_CH2, LPTIM1_OUT, I2C4_SDA, QUADSPI_BK1_IO3, SAI2_SCK_A, FMC_A18, EVENTOUT - - 83 - 102 114 J10 M1 95 114 J10 VSS S - - - - 84 J13 103 115 J11 - 96 115 J11 VDD S - - - 61 85 M14 104 116 L12 L1 97 116 L12 PD14 I/O FT - TIM4_CH3, UART8_CTS, FMC_D0, EVENTOUT - 62 86 L14 105 117 K13 K2 98 117 K13 PD15 I/O FT - TIM4_CH4, UART8_RTS, FMC_D1, EVENTOUT - - - - - 118 K12 - - - - PJ6 I/O FT - LCD_R7, EVENTOUT - - - - - 119 J12 - - - - PJ7 I/O FT - LCD_G0, EVENTOUT - Table 10. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx pin and ball definitions (continued) Pin Number Alternate functions Additional functions STM32F765xx STM32F767xx STM32F768Ax STM32F769xx |