| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L431 Datasheet(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L431 Datasheet(HTML) 55 Page - STMicroelectronics |
|
55 / 200 page ![]() DocID028800 Rev 1 55/200 STM32L431xx Pinouts and pin description 77 --- - D5 8 E3 15 H1 PC0 I/O FT_fa - LPTIM1_IN1, I2C3_SCL, LPUART1_RX, LPTIM2_IN1, EVENTOUT ADC1_IN1 --- - E8 9 E2 16 j2 PC1 I/O FT_fa - LPTIM1_OUT, I2C3_SDA, LPUART1_TX, EVENTOUT ADC1_IN2 --- - E7 10 F2 17 J3 PC2 I/O FT_a - LPTIM1_IN2, SPI2_MISO, EVENTOUT ADC1_IN3 - - - E6 E6 11 G1 18 K2 PC3 I/O FT_a - LPTIM1_ETR, SPI2_MOSI, SAI1_SD_A, LPTIM2_ETR, EVENTOUT ADC1_IN4 - - - - - - - 19 J1 VSSA S - - - - - - - - - - - 20 K1 VREF- S - - - - -8 8 E7 F8 12 F1 - - VSSA/ VREF- S- - - - - - - - - - - 21 L1 VREF+ S - - - VREFBUF_ OUT --- - - - - 22 M1 VDDA S - - - - 599 F7 G8 13 H1 - - VDDA/ VREF+ S- - - - - 10 10F6 F714 G2 23 L2 PA0 I/O FT_a - TIM2_CH1, USART2_CTS, COMP1_OUT, SAI1_EXTCLK, TIM2_ETR, EVENTOUT OPAMP1_ VINP, COMP1_INM, ADC1_IN5, RTC_TAMP2, WKUP1 6 - - - --- - - PA0/ CK_IN I/O FT_a - TIM2_CH1, USART2_CTS, COMP1_OUT, SAI1_EXTCLK, TIM2_ETR, EVENTOUT OPAMP1_ VINP, COMP1_INM, ADC1_IN5, RTC_TAMP2, WKUP1, CK_IN 711 11 G7 G7 15 H2 24 M2 PA1 I/O FT_a - TIM2_CH2, I2C1_SMBA, SPI1_SCK, USART2_RTS_DE, TIM15_CH1N, EVENTOUT OPAMP1_ VINM, COMP1_INP, ADC1_IN6 Table 14. STM32L431xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |